Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5409 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT5409
Description  Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5409 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT5409 Datasheet HTML 1Page - Catalyst Semiconductor CAT5409 Datasheet HTML 2Page - Catalyst Semiconductor CAT5409 Datasheet HTML 3Page - Catalyst Semiconductor CAT5409 Datasheet HTML 4Page - Catalyst Semiconductor CAT5409 Datasheet HTML 5Page - Catalyst Semiconductor CAT5409 Datasheet HTML 6Page - Catalyst Semiconductor CAT5409 Datasheet HTML 7Page - Catalyst Semiconductor CAT5409 Datasheet HTML 8Page - Catalyst Semiconductor CAT5409 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
CAT5409
Document No. 2010, Rev. I
PIN DESCRIPTION
Pin
Pin
Pin
(TSSOP)
(SOIC)
(BGA) Name
Function
19
1
C1
VCC
Supply Voltage
20
2
B1
RL0
Low Reference Terminal
for Potentiometer 0
21
3
C2
RH0
High Reference Terminal
for Potentiometer 0
22
4
A1
RW0
Wiper Terminal for Potentiometer 0
23
5
A2
A2
Device Address
24
6
B2
WP
Write Protection
1
7
B3
SDA
Serial Data Input/Output
2
8
A3
A1
Device Address
39
A4
RL1
Low Reference Terminal
for Potentiometer 1
410
C3
RH1
High Reference Terminal
for Potentiometer 1
511
B4
RW1
Wiper Terminal for Potentiometer 1
6
12
C4
GND
Ground
7
13
D4
NC
No Connect
814
E4
RW2
Wiper Terminal for
Potentiometer 2
915
D3
RH2
High Reference Terminal
for Potentiometer 2
10
16
F4
RL2
Low Reference Terminal
for Potentiometer 2
11
17
F3
SCL
Bus Serial Clock
12
18
E3
A3
Device Address
13
19
D1
NC
No Connect
14
20
F2
A0
Device Address, LSB
15
21
F1
RW3
Wiper Terminal for Potentiometer 3
16
22
D2
RH3
High Reference Terminal
for Potentiometer 3
17
23
E1
RL3
Low Reference Terminal
for Potentiometer 3
18
24
E2
NC
No Connect
PIN DESCRIPTIONS
SCL:
Serial Clock
The CAT5409 serial clock input pin is used to clock
all data transfers into or out of the device.
SDA:
Serial Data
The CAT5409 bidirectional serial data pin is used
to transfer data into and out of the device. The
SDA pin is an open drain output and can be wire-
Ored with the other open drain or open collector
outputs.
A0, A1, A2, A3:
Device Address Inputs
These inputs set the device address when ad-
dressing multiple devices. A total of sixteen
devices can be addressed on a single bus. A
match in the slave address must be made with the
address input in order to initiate communication
with the CAT5409.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent to
the terminal connections on a mechanical potenti-
ometer.
RW:
Wiper
The four RW pins are equivalent to the wiper
terminal of a mechanical potentiometer.
WP:
Write Protect Input
The
WP pin when tied low prevents non-volatile
writes to the data registers (change of wiper control
register is allowed) and when tied high or left
floating normal read/write operations are allowed.
See Write Protection on page 7 for more details.
DEVICE OPERATION
The CAT5409 is four resistor arrays integrated with 2-
wire serial interface logic, four 6-bit wiper control
registers and sixteen 6-bit, non-volatile memory data
registers. Each resistor array contains 63 separate
resistive elements connected in series. The physical
ends of each array are equivalent to the fixed terminals
of a mechanical potentiometer (RH and RL). RH and RL
are symmetrical and may be interchanged. The tap
positions between and at the ends of the series resistors
are connected to the output wiper terminals (RW) by a
CMOS transistor switch. Only one tap point for each
potentiometer is connected to its wiper terminal at a
time and is determined by the value of the wiper control
register. Data can be read or written to the wiper control
registers or the non-volatile memory data registers via
the 2-wire bus. Additional instructions allows data to be
transferred between the wiper control registers and
each respective potentiometer's non-volatile data
registers. Also, the device can be instructed to operate
in an "increment/decrement" mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com