| Electronic Components Datasheet Search |
|
MSC7128 Datasheet(PDF) 12 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSC7128 Datasheet(HTML) 12 Page - OKI electronic componets |
|
12 / 27 page ![]() ¡ Semiconductor MSC7128-xx 12/27 FUNCTIONAL DESCRIPTION Data Transfer Method and Command Write Method A display control command or data is written by the 8-bit serial transfer method. The figure below shows the write timing. When the CS pin is Low, data can be transferred. Data of 8 bits in length is input to the DA pin sequentially starting with the LSB. (LSB first) Data is shifted at the rising edge of a shift clock pulse which is input to the CP pin as shown in the figure below. When 8-bit data is entered, an inner LOAD signal is automatically generated, and data is written into the registers and RAM. Therefore, there is no need to input an external LOAD signal. If the CS pin is changed from Low to High, the serial transfer is inhibited, and data, which is entered after the CS pin is changed from High to Low, is recognized in units of 8 bits. The first 8 bits become the first byte, and the second 8 bits become the second byte and the next 8 bits become either the first byte or the second byte depending on the selected command. CS CP DA tDOFF*1 tCSH*2 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 LSB LSB MSB MSB First Byte Second Byte *1 tDOFF : Refer to Data LSB/MSB Timing. *2 tCSH : Refer to AC Characteristics and Data Timing. Address Set Lamp Test Character Code Set Display Duty Set Number of Display Digits Set No. Command 0 1 2 3 4 b7 1 1 1 1 1 b6 0 1 0 0 0 b5 0 0 0 1 1 b4 0 0 1 0 1 b3 X X X X X b2 X X X X X b1 X X X X X b0 X X X X X b7 X X CU X X b6 X X CH6 X X b5 X X CH5 X X b4 X X CH4 X X b3 X3 X CH3 DC3 DG3 b2 X2 X CH2 DC2 DG2 b1 X1 X CH1 DC1 DG1 b0 X0 LT CH0 DC0 DG0 First Byte Second Byte Command Type *1 When character codes are to be continuously transferred, addresses are automatically incremented (internally). Accordingly, neither the Address Set command nor the first byte of the Character Code Set command are required to set the second and the following character codes. *2 X : Don’t care |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |