Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPU510CS Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NSPU510CS
Description  UV LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPU510CS Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NSPU510CS Datasheet HTML 8Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 9Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 10Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 11Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 12Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 13Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 14Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 15Page - NICHIA CORPORATION NSPU510CS Datasheet HTML 16Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NICHIA STS-DA1-2745F <Cat.No.180611>
12
CAUTIONS
(1) Lead Forming
● The lead frame should be bent at least 3mm from the bottom of the lens. Do not use the bottom of the lens as a fulcrum for
bending.
● Lead frame forming (i.e. shaping/trimming the lead frame) should be done before soldering the LED; if it is done after soldering,
Nichia will not guarantee its reliability.
● When shaping/trimming the lead frame, ensure that the resulting stress is not applied to the bottom of the lens. This may damage
the characteristics of the LED.
● If the LEDs are attached to a PCB or any other substrate (e.g. plastic plate), ensure that the hole on the substrate matches with
the lead frame dimensions (e.g. pitch). Otherwise, it may cause the lens to deform causing reliability issues (e.g. the LED to have
a reduction in the radiant flux or not to illuminate [i.e. catastrophic failure]).
(2) Storage
● Before opening the anti-electrostatic bag, ensure that LEDs are stored at <30°C and 70% RH and used within three months. To
store these LEDs after this period, use a hermetically-sealed container filled with nitrogen and place silica gel desiccants in this
container with the LEDs; the LEDs must not be stored for longer than one year from the date that the LED is delivered.
● This LED has a silver-plated lead frame. If the LEDs are exposed to a corrosive environment, it may cause the plated surface to
tarnish causing issues (i.e. solderability). Ensure that LEDs are stored under proper conditions/environment and soldered to a
PCB immediately.
● To avoid condensation, the products must not be stored in the areas where temperature and humidity fluctuate greatly.
● Do not store the LEDs in a dusty environment.
● Do not expose the LEDs to direct sunlight and/or an environment over a long period of time where the temperature is higher than
normal room temperature.
(3) Directions for Use
● The circuit must be designed to ensure that the Absolute Maximum Ratings are not exceeded for each LED. The LEDs should be
operated at a constant current per LED. In the case of operating at a constant voltage, Circuit B is recommended. If Circuit A is
used, it may cause the currents flowing through the LEDs to vary due to the variation in the forward voltage characteristics of the
LEDs on the circuit.
(A)
(B)
● This LED is designed to be operated at a forward current. Ensure that no voltage is applied to the LED in the forward/reverse
direction while the LED is off. If the LEDs are used in an environment where reverse voltages are applied to the LED continuously,
it may cause electrochemical migration to occur causing the LED to be damaged. When not in use for a long period of time, the
system’s power should be turned off to ensure that there are no issues/damage.
● To stabilize the LED characteristics while in use, Nichia recommends that the LEDs are operated at currents ≥ 10% of the sorting
current.
● Ensure that transient excessive voltages (e.g. lighting surge) are not applied to the LEDs.
● If the LEDs are used for outdoor applications, ensure that necessary measures are taken (e.g. protecting the LEDs from water/salt
damage and high humidity).
● Although this LED is specifically designed to emit invisible light, a small amount of light in the visible region exists in the emission
spectrum. Ensure that when using the LEDs for sensors, verification is performed to ensure that the emission spectrum is fit for
the intended use.
● If this LED is stored and/or used constantly under high temperature and high humidity conditions, it may accelerate the
deterioration of the die; this may cause the radiant flux to decrease. If the LEDs are stored and/or used under these conditions,
sufficient verification must be done prior to use to ensure that there are no issues for the chosen application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com