Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1644P Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1644P
Description  Nonvolatile Timekeeping RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1644P Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1644P Datasheet HTML 1Page - Dallas Semiconductor DS1644P Datasheet HTML 2Page - Dallas Semiconductor DS1644P Datasheet HTML 3Page - Dallas Semiconductor DS1644P Datasheet HTML 4Page - Dallas Semiconductor DS1644P Datasheet HTML 5Page - Dallas Semiconductor DS1644P Datasheet HTML 6Page - Dallas Semiconductor DS1644P Datasheet HTML 7Page - Dallas Semiconductor DS1644P Datasheet HTML 8Page - Dallas Semiconductor DS1644P Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
REV: 040805
FEATURES
§ Integrated NV SRAM, Real-Time Clock,
Crystal, Power-Fail Control Circuit and
Lithium Energy Source
§ Clock Registers are Accessed Identically to
the Static RAM. These Registers are
Resident in the Eight Top RAM Locations.
§ Totally Nonvolatile with Over 10 Years of
Operation in the Absence of Power
§ BCD-Coded Year, Month, Date, Day, Hours,
Minutes, and Seconds with Leap Year
Compensation Valid Up to 2100
§ Power-Fail Write Protection Allows for
±10% VCC Power Supply Tolerance
§ DS1644 Only (DIP Module)
Upward Compatible with the DS1643
Timekeeping RAM to Achieve Higher
RAM Density
Standard JEDEC Bytewide 32k x 8 Static
RAM Pinout
§ DS1644P Only (PowerCap
® Module Board)
Surface Mountable Package for Direct
Connection to PowerCap Containing
Battery and crystal
Replaceable Battery (PowerCap)
Power-Fail Output
Pin-for-Pin Compatible with Other Densities
of DS164XP Timekeeping RAM
Underwriters Laboratory (UL) Recognized
PIN CONFIGURATIONS
ORDERING INFORMATION
PART
VOLTAGE
RANGE (V)
TEMP RANGE PIN-PACKAGE
TOP MARK
DS16440120+
5.0
0°C to +70°C
32 EDIP (0.740a)
DS1644+120
DS16440-120
5.0
0°C to +70°C
32 EDIP (0.740a)
DS1644-120
DS1644P120+
5.0
0°C to +70°C
34 PowerCap*
DS1644P+120
DS1644P-120
5.0
0°C to +70°C
34 PowerCap*
DS1644P-120
*DS9034-PCX, DS9034I-PCX, DS9034-PCX+ required (must be ordered separately).
A “+" indicates a lead-free product. The top mark will include a “+" symbol on lead-free devices.
1
NC
2
3
NC
NC
PFO
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
NC
A14
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
NC
X1 GND VBAT
X2
34-Pin PowerCap Module Board
(Uses DS9034PCX PowerCap)
15
13
27
28-Pin Encapsulated Package
(720-mil Extended)
A7
A5
A3
A2
A1
A0
DQ0
DQ1
GND
DQ2
VCC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ3
DQ4
1
2
3
4
5
6
7
8
9
10
11
12
14
28
26
25
24
23
22
21
20
19
18
17
16
A12
A6
A4
A14
DS1644/DS1644P
Nonvolatile Timekeeping RAM
www.maxim-ic.com
PowerCap is a registered trademark of Dallas Semiconductor.


Similar Part No. - DS1644P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1644P DALLAS-DS1644P Datasheet
39Kb / 2P
PowerCap with Crystal
logo
Maxim Integrated Produc...
DS1644P MAXIM-DS1644P Datasheet
215Kb / 14P
Nonvolatile Timekeeping RAM
Rev 4/10
DS1644P-120+ MAXIM-DS1644P-120+ Datasheet
215Kb / 14P
Nonvolatile Timekeeping RAM
Rev 4/10
More results

Similar Description - DS1644P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
Nonvolatile Timekeeping RAM
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
Nonvolatile Timekeeping RAM
DS1644LPM DALLAS-DS1644LPM Datasheet
108Kb / 11P
Nonvolatile Timekeeping RAM?
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
Nonvolatile Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
Nonvolatile Timekeeping RAM
Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
Nonvolatile Timekeeping RAM
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
Nonvolatile Timekeeping RAM
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com