Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC7166 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSC7166
Description  16-Bit Grid Driver with 4 to 16-Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC7166 Datasheet(HTML) 5 Page - OKI electronic componets

  MSC7166 Datasheet HTML 1Page - OKI electronic componets MSC7166 Datasheet HTML 2Page - OKI electronic componets MSC7166 Datasheet HTML 3Page - OKI electronic componets MSC7166 Datasheet HTML 4Page - OKI electronic componets MSC7166 Datasheet HTML 5Page - OKI electronic componets MSC7166 Datasheet HTML 6Page - OKI electronic componets MSC7166 Datasheet HTML 7Page - OKI electronic componets MSC7166 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
¡ Semiconductor
MSC7166
ABSOLUTE MAXIMUM RATINGS
*1 The maximum supply voltage for VSS.
*2 Permanent damage to the device may be caused if the voltage is supplied over the the absolute
maximum rating value.
*3 Thermal resistance of the package (between junction and atmosphere).
The junction temperature (Tj) given by the equation indicated below should not exceed 150
°C.
Tj=P ¥ Rj-a + Ta (P: maximum power consumption of IC)
RECOMMENDED OPERATING CONDITIONS
Parameter
Condition
Rating
Unit
Symbol
Logic Supply Voltage
Driver Supply Voltage
Input Voltage
VDD
VIN
TSTG
–0.3 to +6.5
–0.3 to +70
V
V
°C
Applied to logic supply pin
Applied to driver supply pin
Applied to all input pins
–0.3 to VDD+0.3
Power Dissipation
Thermal Resistance of Package
Storage Temperature
VDISP(+)
PD
Rj-a
Ta<25°C
—
790
158
–55 to +150
°C/W
mW
V
—
*1
*1,2
*1
*3
=
Parameter
Driver Supply Voltage
High Level Output Current
Logic Supply Voltage
Low Level Output Current
Symbol
VDD
VDISP(+)
IOH
IOL
Low Level Input Voltage
VIL
High Level Input Voltage
VIH
Condition
Min.
Max.
Unit
Applied to logic supply pin
Applied to driver supply pin
Applied to all driver output pins
Applied to all driver output pins
Applied to all input pins
Applied to all input pins
Operating Temperature
Top
—
4.5
8
—
3.1
–40
5.5
65
–40
1.0
1.7
—
85
V
V
mA
mA
V
V
°C
—
—
Input Pulse Rise Time
Input Pulse Fall Time
tr
tf
Applied to all input pins
Applied to all input pins
—
—
1.0
1.0
ms
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com