Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2-2VS/42C Datasheet(PDF) 5 Page - Hirose Electric

Part # PS2-2VS/42C
Description  High Current Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PS2-2VS/42C Datasheet(HTML) 5 Page - Hirose Electric

  PS2-2VS/42C Datasheet HTML 1Page - Hirose Electric PS2-2VS/42C Datasheet HTML 2Page - Hirose Electric PS2-2VS/42C Datasheet HTML 3Page - Hirose Electric PS2-2VS/42C Datasheet HTML 4Page - Hirose Electric PS2-2VS/42C Datasheet HTML 5Page - Hirose Electric PS2-2VS/42C Datasheet HTML 6Page - Hirose Electric PS2-2VS/42C Datasheet HTML 7Page - Hirose Electric PS2-2VS/42C Datasheet HTML 8Page - Hirose Electric PS2-2VS/42C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PS2 Series●High Current Connector
■Plug
Current
Part No.
HRS No.
Sales Unit
RoHS
100A
PS2-2RP/9C/9C
236-1036-0 00
Each
○
200A
PS2-2VP/42C
236-1060-4 00
○
300A
PS2-2WP/6C/6C
236-1032-9 00
○
126.2
111.5
32.8 16.5
89.7
111.5
92.7
4−φ
6.2
2−M6×1×13
4−R14
33.1 13.5
135
120
105.5
120
108.5
4−φ
6.2
2−M6×1×13
3−R14
2−M8×1.25×18
210
189.3
37.8 16.5
163
189.3
166
4−R15
4−φ
8.2
◇100A
◇200A
◇300A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com