Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD85308 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85308
Description  Panel Timing Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85308 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button FPD85308 Datasheet HTML 23Page - National Semiconductor (TI) FPD85308 Datasheet HTML 24Page - National Semiconductor (TI) FPD85308 Datasheet HTML 25Page - National Semiconductor (TI) FPD85308 Datasheet HTML 26Page - National Semiconductor (TI) FPD85308 Datasheet HTML 27Page - National Semiconductor (TI) FPD85308 Datasheet HTML 28Page - National Semiconductor (TI) FPD85308 Datasheet HTML 29Page - National Semiconductor (TI) FPD85308 Datasheet HTML 30Page - National Semiconductor (TI) FPD85308 Datasheet HTML 31Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
APPENDIX A: GPO Programming Examples (Continued)
GPO Programming Example #1:
Generate a control signal which transitions high at the end of
each line, has a pulsewidth of 3 µs, and remains low during
the vertical blanking period. This control is used for the latch
pulse to the column drivers.
Horizontal time (clocks/line) = 1300 dot clocks
Vertical period (lines/frame) = 850 lines
Vertical control is active beginning at line 1 and remains
active for 768 lines.
GPO Vertical Start Register = 1
GPO Vertical Duration Register = 768d (300h)
Positive pulse goes high each line at output clock 512 cor-
responding to when the last two pixels are output on OR,
OG, OB, ER, EG, EB. Pulse remains high for 98 output
clocks (98 x 30.8 ns/clock = 3.02 µs). (Dual Bus output clock
= 32.5 MHz for 65 MHz XGA video, 1024 pixels/line, 768
displayed lines/frame).
Note: 6 counts are added to the output start # because the GPO pixel count
begins 6 clocks prior to the output data.
GPO Horizontal Start Register = 518d (206h)
GPO Horizontal Duration Register = 98d (62h)
The control pulses are positive (bit [0] = 0) and the toggle
circuitry is disabled (bit1 [1] = 0).
GPO Control Register = 0
DS101356-23
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com