Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3422G-K08-3030-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3422G-K08-3030-R
Description  HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3422G-K08-3030-R Datasheet(HTML) 6 Page - Unisonic Technologies

  3422G-K08-3030-R Datasheet HTML 1Page - Unisonic Technologies 3422G-K08-3030-R Datasheet HTML 2Page - Unisonic Technologies 3422G-K08-3030-R Datasheet HTML 3Page - Unisonic Technologies 3422G-K08-3030-R Datasheet HTML 4Page - Unisonic Technologies 3422G-K08-3030-R Datasheet HTML 5Page - Unisonic Technologies 3422G-K08-3030-R Datasheet HTML 6Page - Unisonic Technologies 3422G-K08-3030-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3422
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
6 of 7
www.unisonic.com.tw
QW-R105-029.G
APPLI CAT I ON S I N FORM AT I ON
UTC 3422 IN COMPARATOR APPLICATION
The UTC 3422 is a dual bipolar operational amplifier offering a single supply operation from 3V ~ 36V with very
good performances: medium speed (25MHz), unity gain stability and low noise.
Most of operational amplifiers are not suited for comparator use because of low transition speed, output signal
incompatible with standard logics level and mainly, phase inversion. The phase inversion occures when a strong
differential signal is applied to the device inputs. The output level is then inverted and shows a wrong logic state. The
UTC 3422 does not present this problematic behaviour.
Figure 1 shows basic comparator application. Figure 2 shows the curves of the device response in standard
comparator configuration without external components.
Transition speed : Typical transition speed under a single 5V supply voltage is about 2
μs from 50mV overdrive.
VOH(MIN). is 3.7V and VOL(MAX). is 0.2V (2k
Ω load) making it compatible with standard logic families.
Figure 3 shows output signal transition for a 50mV input signal overdrive respectively of 3
μs.
Figure 4 shows output signal transition for a 250mV input signal overdrive respectively of 1
μs.
Figure.1 Basic Comparator Application
Figure.2 Operating Conditions
0
0.5
Time (0.5
μs/div)
1.0
1.5
2.0
VREF
Vo
VIN+
4
2
0
3
μs
6
0
0.5
Time (0.5
μs/div)
1.0
1.5
2.0
VREF
Vo
VIN+
4
2
0
1
μs
6
Figure.3 Transition Speed @ 50mV Overdrive
Figure.4 Transition Speed @ 250mV Overdrive



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com