Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD33584 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD33584
Description  Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD33584 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  FPD33584 Datasheet HTML 1Page - National Semiconductor (TI) FPD33584 Datasheet HTML 2Page - National Semiconductor (TI) FPD33584 Datasheet HTML 3Page - National Semiconductor (TI) FPD33584 Datasheet HTML 4Page - National Semiconductor (TI) FPD33584 Datasheet HTML 5Page - National Semiconductor (TI) FPD33584 Datasheet HTML 6Page - National Semiconductor (TI) FPD33584 Datasheet HTML 7Page - National Semiconductor (TI) FPD33584 Datasheet HTML 8Page - National Semiconductor (TI) FPD33584 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Analog Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
DD2
Supply Current Consumption
(Note 6)
5.0
12.0
mA
V
GMA1
Upper RDAC High Side Input
(Note 7)
V
DD2/2 +
0.2
V
DD2 −
0.2
V
V
GMA5
Upper RDAC Low Side Input
(Note 7)
V
DD2/2 +
0.2
V
DD2 −
0.2
V
V
GMA6
Lower RDAC High Side Input
(Note 7)
0.2
V
DD2/2 −
0.2
V
V
GMA10
Lower RDAC Low Side Input
(Note 7)
0.2
V
DD2/2 −
0.2
V
C
LOAD
Output Capacitive Load
30
150
pF
V
OUT
Output Voltage Range
V
SS2 +
0.2
V
DD2 −
0.2
V
R
DAC
RDAC References (V
GMA1 to
V
GMA5 and VGMA6 to VGMA10)
each
12.0
15.0
18.0
k
Ω
V
pperr
Output Peak to Peak Error (gray
levels 0 through 58)
V
GMA1 =VDD2 − TBDV
V
GMA10 =VSS2 + TBDV
(Note 8)
±3
±12
mV
Output Peak to Peak Error (gray
levels 59 through 63)
±5
±25
mV
V
parterr
Output Part to Part Error
(Note 9)
±5mV
I
OUT RP
Repair Buffer Output Current
(Note 10)
±2
±3mA
Note 6: VDD2= 10V, VDD1 = 3.3V, fCLK = 67MHz, line time = 18µsec, data = maximum output swing (GMA1 to GMA10), [TIME1, TIME0] = [0,1] (charge sharing of
32 clock cycles
Note 7: The following relationship must be maintained between the reference voltages: VDD2 >VGMA1 >VGMA2 >VGMA3 >VGMA4 >VGMA5 >VGMA6 >VGMA7
>V
GMA8 >VGMA9 >VGMA10 >VSS2
Note 8: Vpperr is meant to reflect the error in peak-to-peak output voltage for each gray level whent the output swings from the high value VHxx to the low value
VLxx. This parameter applies to every output on the die. The typical value represents one standard deviation from ideal based on tester data. The maximum value
is a constraint of the test environment, not the performance of the part.
Note 9: Vparterr is meant to guarantee the part-to-part output variation. The average of all outputs at gray level 32 is compared to a nominal gray level 32 value. The
difference is Vparterr
Note 10: Current into device pins is defined as positive. Current out of device pins is defined as negative. |VOUT −VIN| > 500mV.
20043202
FIGURE 1. RSDS Signal Definition
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com