Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V842 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82V842
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V842 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82V842 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
I/O
Description
1, 3, 17~18, 21
NC
¾ No connection
2, 6~7, 19, 34, 43
VDD
¾ Positive power supply for analog circuit
4
VRN
O
Negative reference voltage for internal ADC
Connect to VSS via 0.1
mF
5
VRP
O
Positive reference voltage for internal ADC
Connect to VSS via 0.1
mF
8~9, 20, 33, 42
VSS
¾ Negative power supply for analog circuit
10
VCOM
O
Common reference voltage for internal ADC
11
CCDIN
I
CDS circuit data input
12
REFIN
I
CDS circuit reference input
13
CLPCAP
O
Clamp level output
Connect to VSS via 0.1
mF
14
ADIN
I
ADIN signal input
15
OBCAP
O
Black level integration voltage
Connect to VSS via 0.1
mF~1mF (by applications)
16
MONOUT
O
Monitor output of CDS or PGA
22
ADCK
I
ADC sampling clock input
23
SHR
I
Reference sampling pulse input
24
SHD
I
Data sampling pulse input
25
ADCLP
I
Pulse input for ADIN clamp and black calibration control
26
BLK
I
Blanking pulse input
27
CCDCLP
I
Clamp control input
28
OBP
I
Black level period pulse input
29
SCK
I
Serial clock input
30
SDATA
I
Serial data input
31
CS
I
Serial port chip selection (Active at low)
32
STBY
I
Power down control (Active low)
35
RESET
I
Reset signal (Active low)
36
OUTCK
I
Clock source for ADC output
37~41, 44~48
DO0~DO9
O
Digital output from ADC
HT82V842
Rev. 1.00
2
July 15, 2004
H T 8 2 V 8 4 2
4 8 L Q F P - A
1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4
4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
N C
V D D
N C
V R N
V R P
V D D
V D D
V S S
V S S
V C O M
C C D I N
R E F I N
O U T C K
R E S E T
V D D
V S S
S T B Y
C S
S D A T A
S C K
O B P
C C D C L P
B L K
A D C L P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com