Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95L10P Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT95L10P
Description  8-Bit LCD Type Phone Controller MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95L10P Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT95L10P Datasheet HTML 4Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 5Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 6Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 7Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 8Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 9Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 10Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 11Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
HT95L100/10P
Rev. 0.10
8
October 1, 2002
Preliminary
Stack register
This is a special part of the memory which is used to
save the contents of the program counter only. The
stack is organized into 8 levels and is neither part of the
data nor part of the program space, and is neither read-
able nor write-able. The activated level is indexed by the
stack pointer (SP) and is neither readable nor write-able.
At a subroutine call or interrupt acknowledge signal, the
contents of the program counter are pushed onto the
stack. At the end of a subroutine or an interrupt routine,
signaled by a return instruction (RET or RETI), the pro-
gram counter is restored to its previous value from the
stack. After a chip reset, the SP will point to the top of the
stack. If the stack is full and an interrupt takes place, the
interrupt request flag will be recorded but the acknowl-
edge signal will be inhibited even if this interrupt is en-
abled. When the stack pointer is decremented (by RET
or RETI), the interrupt will be serviced. This feature pre-
vents stack overflow allowing the programmer to use the
structure more easily. If the stack is full and a
²CALL² is
subsequently executed, stack overflow occurs and the
first entry will be lost (only the most recent eight return
addresses are stored).
Data memory
The data memory is divided into four functional groups:
special function registers, embedded control register,
LCD display memory and general purpose memory.
Most are read/write, but some are read only.
The special function registers is located from 00H to
1FH. The embedded control register are located in the
memory areas from 20H to 3FH. The remaining space
which are not specified on the following table before the
40H are reserved for future expanded usage and read-
ing these locations will get
²00H². The general purpose
data memory is divided into 6 banks. The banks in the
RAM are all addressed from 40H to 0FFH and they are
selected by setting the value of the bank pointer (BP).
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by
²SET [m].i² and
²CLR [m].i². They are also indirectly accessible through
memory pointer registers (MP0 or MP1). The
bank1~bank10 are only indirectly accessible through
memory pointer 1 register (MP1).
The LCD display memory is located at bank 1BH. They
can be read and written to by the indirect addressing
mode using memory pointer 1 (MP1). To turn the display
On or Off, a
²1² or ²0² is written to the corresponding bit
of the memory area.
Special register, embedded control register, LCD display memory and general purpose RAM
BP
Address
Function
Description
Special function register
00
00
IAR0
Indirect addressing register 0
00
01
MP0
Memory pointer register 0
00
02
IAR1
Indirect addressing register 1
00
03
MP1
Memory pointer register 1
00
04
BP
Bank pointer register
00
05
ACC
Accumulator
00
06
PCL
Program counter lower-order byte register
00
07
TBLP
Table pointer
00
08
TBLH
Table higher-order byte register
00
09
WDTS
Watchdog Timer option setting register
00
0A
STATUS
Status register
00
0B
INTC0
Interrupt control register 0
00
0C
TMR0H
Timer/Event Counter 0 high-order byte register
00
0D
TMR0L
Timer/Event Counter 0 low-order byte register
00
0E
TMR0C
Timer/Event Counter 0 control register
00
0F
TMR1H
Timer/Event Counter 1 high-order byte register
00
10
TMR1L
Timer/Event Counter 1 low-order byte register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com