Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9155-200 Datasheet(PDF) 1 Page - AVX Corporation

Part # 9155-200
Description  Reduced Battery 2.5mm Pitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-200 Datasheet(HTML) 1 Page - AVX Corporation

  9155-200 Datasheet HTML 1Page - AVX Corporation 9155-200 Datasheet HTML 2Page - AVX Corporation 9155-200 Datasheet HTML 3Page - AVX Corporation 9155-200 Datasheet HTML 4Page - AVX Corporation 9155-200 Datasheet HTML 5Page - AVX Corporation 9155-200 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
CONNECT
INTER
Reduced Battery 2.5mm Pitch
9155-200
The newest product in AVX’s Interconnect family of
battery connectors saves 50% in volume over the initial
9155 series compression connectors as illustrated in
the photograph. These connectors are rated at a full 3
amps per contact on 2.5mm centers. Sizes range from
2 positions through 5 positions and are end to end
stackable.
ELECTRICAL
• Current Rating: 3 Amp / Contact
• Voltage Rating: 125 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Glass-Filled Nylon 46;
UL94 HB
• Contact Material: Beryllium Copper
• Plating: Gold over Nickel
• Durability: 5000 Cycles
FEATURES AND BENEFITS
• 2.4mm insulator height
• 3 amps/contact
• Large SMT mounting area for positive mechanical attachment
• 5k mating cycles
• End-to-end stackable
APPLICATIONS
• Cellular Phones
• Handheld Devices
• Industrial Modules
• Medical Electronics
HOW TO ORDER
00
Prefix
9155
Series
00X
No. of Ways
2 = 002
3 = 003
4 = 004
5 = 005
201
Reduced Size
Battery Connector
00X
Plating Option
Code
Description
201
Reduced Size
Battery Connector
Code
Description
006
0.4μm Selective Gold, Standard
008
0.8μm Selective Gold, Special Order


Similar Part No. - 9155-200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
9155-100 AVX-9155-100 Datasheet
1Mb / 6P
Ultra-Low Profile 2.5mm Pitch Battery
9155-300 AVX-9155-300 Datasheet
865Kb / 7P
Right Angle 3.0mm Pitch Battery
logo
Kyocera Kinseki Corpota...
9155-500 KSS-9155-500 Datasheet
701Kb / 7P
Right Angle 2.5mm Pitch 9155-500
logo
AVX Corporation
9155-700 AVX-9155-700 Datasheet
2Mb / 13P
Right Angle 2.0mm Pitch Connector
More results

Similar Description - 9155-200

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
060131MA SUYIN-USA-060131MA Datasheet
111Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250007MA SUYIN-USA-250007MA Datasheet
124Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250007MA003XX00XX SUYIN-USA-250007MA003XX00XX Datasheet
95Kb / 1P
2.5mm Pitch Battery Connector
250007MA003XX04XX SUYIN-USA-250007MA003XX04XX Datasheet
89Kb / 1P
2.5mm Pitch Battery Connector
250040MA004XX00XX SUYIN-USA-250040MA004XX00XX Datasheet
44Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250103MR SUYIN-USA-250103MR Datasheet
175Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250117MA SUYIN-USA-250117MA Datasheet
145Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250117MA003XX00XX SUYIN-USA-250117MA003XX00XX Datasheet
98Kb / 1P
2.5mm Pitch Battery
250117MA003XX04XX SUYIN-USA-250117MA003XX04XX Datasheet
78Kb / 1P
2.5mm Pitch Battery
logo
AVX Corporation
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com