Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95C200 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT95C200
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C200 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT95C200 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
HT95LXXX
Rev. 1.20
23
May 26, 2004
DTMF Generator
The DTMF (Dual Tone Multiple-Frequency) signal generator is implemented in the telephone controller. It can generate
16 dual tones and 8 single tones from the DTMF pin. This generator also supports power down, tone on/off function.
The DTMF generator clock source is 3.58MHz, before using this function, the system operation mode must be at Nor-
mal mode.
The power down mode (D_PWDN=1) will terminate all the DTMF generator function, however, the registers DTMFC
and DTMFD are accessible at this power down mode. The duration of DTMF output should be handled by the software.
DTMFD register value could be changed as desired, the DTMF pin will output the new dual-tone simultaneously.
Register
Label
Bits
R/W
Function
DTMFC
(20H)
D_PWDN
0RW
DTMF generator power down
1: DTMF generator is at power down mode.
0: DTMF generator is at operation mode.
¾
1RO
Unused bit, read as
²0²
TONE
2
RW
Tone output enable
1: DTMF signal output is enabled.
0: DTMF signal output is disabled.
¾
3
RW
Reserved, inhibit using.
¾
4
RW
Reserved, inhibit using.
¾
5RO
Unused bit, read as
²0²
¾
6
RW
Reserved, inhibit using.
¾
7RO
Unused bit, read as
²0²
DTMFD
(21H)
TC4~TC1
3~0
RW
To set high group frequency
TR4~TR1
7~4
RW
To set low group frequency
Note: Bit3, 4, 6 of DTMFC are reserved, always keep the initial value.
The DTMF pin output is controlled by the combination of the D_PWDN, TONE, TR~TC value.
Control Register Bits
DTMF Pin Output Status
D_PWDN
TONE
TR4~TR1/TC4~TC1
1x
x
0
0
0
x
1/2 VDD
0
1
0
1/2 VDD
0
1
Any valid value
16 dual tones or 8 signal tones, bias with 1/2 VDD
Tone frequency
Output Frequency (Hz)
% Error
Specified
Actual
697
699
+0.29%
770
766
-0.52%
852
847
-0.59%
941
948
+0.74%
1209
1215
+0.50%
1336
1332
-0.30%
1477
1472
-0.34%
% Error does not contain the crystal frequency shift
1 / 2 V D D
T O N E = 1
A l l t h e t i m i n g o f t h e T O N E = 1 a n d T O N E = 0 a r e d e t e r m i n e d b y s o f t w a r e
T O N E = 0
T O N E = 1
T O N E = 0
T O N E = 1
T O N E = 0
D _ P D W N = 0
D _ P D W N = 1
DTMF Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com