Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95C300 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT95C300
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C300 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT95C300 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 13Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 14Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 15Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
HT95LXXX
Rev. 1.20
13
May 26, 2004
BP
(RAM Bank)
Address
Function
Description
Supported for HT95LXXX
400/P 300/P 200/P 100/P 000/P
09H
40H~FFH BANK9 RAM General purpose RAM space
Ö
Ö
¾¾¾
0AH
40H~FFH BANK10 RAM General purpose RAM space
Ö
Ö
¾¾¾
0BH
40H~FFH BANK11 RAM General purpose RAM space
Ö
¾¾¾¾
0CH
40H~FFH BANK12 RAM General purpose RAM space
Ö
¾¾¾¾
0DH
40H~FFH BANK13 RAM General purpose RAM space
Ö
¾¾¾¾
0EH
40H~FFH BANK14 RAM General purpose RAM space
Ö
¾¾¾¾
LCD RAM Display Memory
1BH
40H~9FH
LCD RAM
LCD RAM mapping space for COM0~COM15 (see
²LCD Driver² function)
Indirect Addressing Register
Location 00H and 02H are indirect addressing registers
that are not physically implemented. Any read/write op-
eration of [00H] and [02H] will access the memory
pointed to by MP0 and MP1, respectively. Reading loca-
tion [00H] or [02H] indirectly returns the result 00H,
while writing it leads to no operation. MP0 is indirectly
addressable in bank0, but MP1 is available for all banks
by switch BP [04H]. If BP is unequal to 00H, the indirect
addressing mode to read/write operation from 00H~3FH
will return the result as same as the value of bank0.
The memory pointer registers MP0 and MP1 are 8-bits
registers, and the bank pointer register BP is 6-bits reg-
ister for the HT95L400/40P or 5-bits for the other de-
vices in the series.
Accumulator
The accumulator is closely related to ALU operations. It
is also mapped to location 05H of the data memory and
can operate with immediate data. All data movement
between two data memory locations must pass through
the accumulator.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions and provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ, etc.)
The ALU not only saves the results of a data operation
but also changes the status register.
Status Register
- STATUS
This status register contains the carry flag (C), auxiliary
carry flag (AC), zero flag (Z), overflow flag (OV), power
down flag (PDF), and watchdog time-out flag (TO). It
also records the status information and controls the op-
eration sequence.
Except for the TO and PDF flags, bits in the status regis-
ter can be altered by instructions, similar to the other
registers. Data written into the status register will not
change the TO or PDF flag. Operations related to the
Register
Label
Bits
Function
STATUS
(0AH)
C0
C is set if the operation results in a carry during an addition operation or if a borrow
does not take place during a subtraction operation; otherwise C is cleared. Also it is
affected by a rotate through carry instruction.
AC
1
AC is set if the operation results in a carry out of the low nibbles in addition or no bor-
row from the high nibble into the low nibble in subtraction; otherwise AC is cleared.
Z
2
Z is set if the result of an arithmetic or logic operation is 0; otherwise Z is cleared.
OV
3
OV is set if the operation results in a carry into the highest-order bit but not a carry
out of the highest-order bit, or vice versa; otherwise OV is cleared.
PDF
4
PDF is cleared when either a system power-up or executing the
²CLR WDT² in-
struction. PDF is set by executing the
²HALT² instruction.
TO
5
TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² in-
struction. TO is set by a WDT time-out.
¾
6, 7
Unused bit, read as
²0²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com