Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95C40P Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT95C40P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C40P Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT95C40P Datasheet HTML 14Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 15Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 16Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 17Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 18Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 19Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 20Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 21Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
HT95LXXX
Rev. 1.20
18
May 26, 2004
Reset
There are three ways in which a reset can occur.
· Power on reset.
· A low pulse onto RES pin.
· WDT time-out.
After these reset conditions, the Program Counter and
Stack Pointer will be cleared to 0.
To guarantee that the system oscillator is started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses when the sys-
tem is reset or awakes from the Sleep or Idle operation
mode.
By examining the processor status flags PDF and TO,
the software program can distinguish between the dif-
ferent
²chip resets².
TO
PDF
Reset Condition
0
0
Power on reset
uu
External reset during Normal mode or
Green mode
01
External reset during Sleep mode or Idle
mode
1u
WDT time-out during Normal mode or
Green mode
11
WDT time-out during Sleep mode or Idle
mode
Note:
²u² means ²unchanged²
The functional units chip reset status are shown below:
Program Counter
000H
Interrupt
Disabled
Prescaler
Cleared
WDT
Cleared
After a master reset,
WDT begins counting.
(If WDT function is enabled
by mask option)
Timer/Event Counter 0/1 Off
Input/output Port
Input mode
Stack Pointer
Points to the top of the stack
V D D
R E S
1 0 0 k W
0 . 1 m F
Reset Circuit
W a r m R e s e t
W D T
C o l d R e s e t
H A L T
S Y S C L K
S S T
1 0 - b i t R i p p l e
C o u n t e r
W D T t i m e - o u t
E x t e r n a l R E S
S y s t e m R e s e t
Reset Configuration
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset Timing Chart
When the reset conditions occurred, some registers may be changed or unchanged. (HT95L400/40P)
Register
Addr.
Reset Conditions
Power On
RES Pin
RES Pin
(Sleep/Idle)
WDT
WDT
(Sleep/Idle)
IAR0
00H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP0
01H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
IAR1
02H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
03H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
04H
---0 0000
---0 0000
---0 0000
---0 0000
---u uuuu
ACC
05H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
06H
0000H
0000H
0000H
0000H
0000H
TBLP
07H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
08H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com