Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD08060 Datasheet(PDF) 2 Page - Cree, Inc

Part # CSD08060
Description  Silicon Carbide Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD08060 Datasheet(HTML) 2 Page - Cree, Inc

  CSD08060 Datasheet HTML 1Page - Cree, Inc CSD08060 Datasheet HTML 2Page - Cree, Inc CSD08060 Datasheet HTML 3Page - Cree, Inc CSD08060 Datasheet HTML 4Page - Cree, Inc CSD08060 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image

CSD08060 Rev. B
Figure 2. Reverse Characteristics
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
Forward Voltage
1.6
1.9
1.8
2.4
V
I
F = 8 A
T
J=25°C
I
F = 8 A
T
J=175°C
I
R
Reverse Current
50
100
200
1000
μA
V
R = 600 V
T
J=25°C
V
R = 600 V
T
J=175°C
Q
C
Total Capacitive Charge
22
nC
V
R = 600 V, IF = 8A
di/dt = 500 A/
μs
T
J = 25°C
C
Total Capacitance
470
55
50
pF
V
R = 0 V, TJ = 25°C, f = 1 MHz
V
R = 200 V, TJ = 25˚C, f = 1 MHz
V
R = 400 V, TJ = 25˚C, f = 1 MHz
Note:
This is a majority carrier diode, so there is no reverse recovery charge.
Thermal Characteristics
Symbol Parameter
Typ.
Unit
R
θJC
Thermal Resistance from Junction to Case
1.4
°C/W
Typical Performance
1.
Figure 1. Forward Characteristics
V
F Forward Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 175°C
16
14
12
10
8
6
4
2
0
100
80
60
40
20
0
0
100
200
300
400
500
600
700
V
R Reverse Voltage (V)
0.0000000000
0.0000100000
0.0000200000
0.0000300000
0.0000400000
0.0000500000
0.0000600000
0.0000700000
0.0000800000
0.0000900000
0.0001000000
0.00
100.00
200.00
300.00
400.00
500.00
600.00
700.00
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 175°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com