Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9155-700 Datasheet(PDF) 1 Page - AVX Corporation

Part # 9155-700
Description  Right Angle 2.0mm Pitch Connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-700 Datasheet(HTML) 1 Page - AVX Corporation

  9155-700 Datasheet HTML 1Page - AVX Corporation 9155-700 Datasheet HTML 2Page - AVX Corporation 9155-700 Datasheet HTML 3Page - AVX Corporation 9155-700 Datasheet HTML 4Page - AVX Corporation 9155-700 Datasheet HTML 5Page - AVX Corporation 9155-700 Datasheet HTML 6Page - AVX Corporation 9155-700 Datasheet HTML 7Page - AVX Corporation 9155-700 Datasheet HTML 8Page - AVX Corporation 9155-700 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CONNECT
INTER
1
011717
CONNECT
INTER
Right Angle 2.0mm Pitch Connector
9155-700
AVX extends their board-to-board right angle connectors with a new
2mm pitch version 9155-700, an addition to the existing versions
9155-300 with a 3mm pitch and 9155-500 with a 2.5mm pitch. This
new connector is offered in 2 to 6 contact positions and rated at 2
Amps for the 2-4 way versions or 1.5 Amps for the 5-6 way versions.
The connector´s design is small and compact in order to minimize its
profile, yet remain stable while having a contact point at 2.10mm
above the PCB.
The stability comes from extra SMT anchor brackets. In addition to
existing versions, the new connector has two options without or with
locating bosses, providing even better mechanical stability on the PCB.
The complete family of connectors 9155 series from AVX offer all the
same advantages : Ultra reliable and robust gold plated beryllium
copper contacts provide high integrity connections in harsh
environments, with 5000 mating operations, high temperature nylon
plastic for RoHS soldering.
CONNECT
INTER
ELECTRICAL
• Current Rating: 2p-4p: 2.0 Amps,
5p-6p: 1.5 Amps
•Voltage Rating: 125 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Glass-Filled Nylon 46;
UL94V0
• Contact Material: Beryllium Copper
• Plating: Gold over Nickel, Tin leads
• Durability: 5000 Cycles
FEATURES AND BENEFITS
• Simple designed compact 2mm pitch right angle connector
up to 6 positions
• Gold plated BeCu contacts provide high electrical and
mechanical performance over 5000 mating cycles
• Two anchor brackets for mechanical stability
• Optional plastic locating bosses with SMT anchor tabs
maximizes the mechanical stability of the connector in
harsh conditions
APPLICATIONS
• Handheld/portable devices requiring docking or
cradle charging
• Patient monitoring or portable medical electronics
• Industrial devices requiring pluggable or program-
ming modules
• Internet appliances requiring battery back-up
00X
No of Ways
HOW TO ORDER
00
Prefix
9155
Series
7XX
Standard Battery Connector
X
Plating Option
6 = 0.4μm Selective Gold,
Pure Tin Tail
8 = 0.8μm Selective Gold,
Pure Tin Tail
Code No of
Qty Per Reel
Ways Without Boss With Boss
002
2
1000
1000
003
3
1000
1000
004
4
1000
1000
005
5
1000
1000
006
6
1000
1000
Code
Description
Operating Height
Boss
741
Battery Connector
4.00mm
No
Right Angle
742
Battery Connector
4.00mm
Yes
Right Angle
00


Similar Part No. - 9155-700

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
9155-100 AVX-9155-100 Datasheet
1Mb / 6P
Ultra-Low Profile 2.5mm Pitch Battery
9155-200 AVX-9155-200 Datasheet
765Kb / 6P
Reduced Battery 2.5mm Pitch
9155-300 AVX-9155-300 Datasheet
865Kb / 7P
Right Angle 3.0mm Pitch Battery
logo
Kyocera Kinseki Corpota...
9155-500 KSS-9155-500 Datasheet
701Kb / 7P
Right Angle 2.5mm Pitch 9155-500
More results

Similar Description - 9155-700

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200132FR SUYIN-USA-200132FR Datasheet
208Kb / 1P
2.0mm DUAL ROW SOCKET RIGHT ANGLE P.C.B.MOUNT TYPE
200139FR SUYIN-USA-200139FR Datasheet
114Kb / 1P
2.0mm DUAL ROW SOCKET RIGHT ANGLE DIP TYPE
200155FB SUYIN-USA-200155FB Datasheet
160Kb / 1P
2.0mm SOCKET RIGHT ANGLE SMD TYPE
200169FS SUYIN-USA-200169FS Datasheet
182Kb / 1P
2.0mm PITCH BATTERY CONNECTOR
200221MR SUYIN-USA-200221MR Datasheet
151Kb / 1P
2.0mm PITCH PLUG RIGHT ANGLE TYPE FOR 2.5" H.D.D CONNECTOR
200221MR044G501ZU SUYIN-USA-200221MR044G501ZU Datasheet
131Kb / 1P
2.0mm PITCH PLUG RIGHT ANGLE TYPE FOR 2.5" H.D.D CONNECTOR
200221MR044G505ZU SUYIN-USA-200221MR044G505ZU Datasheet
152Kb / 1P
2.0mm PITCH PLUG RIGHT ANGLE TYPE FOR 2.5" H.D.D
200225MB SUYIN-USA-200225MB Datasheet
179Kb / 1P
2.0mm PLUG RIGHT ANGLE SMD TYPE
200255MB SUYIN-USA-200255MB Datasheet
148Kb / 1P
2.0mm PITCH SOCKET RIGHT ANGLE TYPE
logo
Tyco Electronics
1734493 MACOM-1734493 Datasheet
170Kb / 2P
AMPMODU 2.0mm PITCH, RIGHT ANGLE, DUAL ROW, THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com