Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5265LS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5265LS
Description  Inverter-Controlled Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5265LS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5265LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC5265LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC5265LS Datasheet HTML 3Page - Sanyo Semicon Device 2SC5265LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5265LS
No.5321-1/4
Features
High breakdown voltage(VCBO=1200V).
High reliability(Adoption of HVP process).
Adoption of MBIT process.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1200
V
Collector-to-Emitter Voltage
VCEO
600
V
Emitter-to-Base Voltage
VEBO
9V
Collector Current
IC
4A
Collector Current (Pulse)
ICP
8A
Collector Dissipation
PC
2W
Tc=25
°C30
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=600V, IE=0
10
µA
ICES
VCE=1200V, RBE=0
1.0
mA
Collector-to-Emitter Sustain Voltage
VCEO(sus)
IC=100mA, IB=0
600
V
Emitter Cutoff Current
IEBO
VEB=9V, IC=0
1.0
mA
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN5321A
2SC5265LS
Inverter-Controlled Lighting Applications
Package Dimensions
unit : mm
2079D
[2SC5265LS]
11502 TS IM TA-3430 / 20599 TH (KT) / 40196 TS (KOTO) TA-0644
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Triple Diffused Planar Silicon Transistor
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220FI(LS)
0.7
2.55
2.55
1.2
0.9
0.75
1.2
4.5
2.8
12 3
10.0
3.2


Similar Part No. - 2SC5265LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5265 SANYO-2SC5265 Datasheet
85Kb / 3P
Inverter-controlled Lighting Applications
logo
Inchange Semiconductor ...
2SC5265 ISC-2SC5265 Datasheet
197Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5265LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5264LS SANYO-2SC5264LS Datasheet
42Kb / 4P
Inverter Lighting Applications
2SC5265 SANYO-2SC5265 Datasheet
85Kb / 3P
Inverter-controlled Lighting Applications
2SC5304LS SANYO-2SC5304LS Datasheet
43Kb / 4P
Inverter Lighting Applications
2SC5305LS SANYO-2SC5305LS Datasheet
42Kb / 4P
Inverter Lighting Applications
2SC5416 SANYO-2SC5416 Datasheet
46Kb / 4P
Inverter Lighting Applications
2SC5417 SANYO-2SC5417 Datasheet
46Kb / 4P
Inverter Lighting Applications
2SC5420 SANYO-2SC5420 Datasheet
41Kb / 4P
Inverter Lighting Applications
2SC5417LS SANYO-2SC5417LS Datasheet
44Kb / 4P
Inverter Lighting Applications
TS7920 SANYO-TS7920 Datasheet
40Kb / 4P
For Inverter Lighting Equipment
logo
STMicroelectronics
AN3105 STMICROELECTRONICS-AN3105 Datasheet
3Mb / 30P
lighting applications
28-Sep-2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com