Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF10H60F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF10H60F
Description  10 Amp Low Loss Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF10H60F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF10H60F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF10H60F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF10H60F
Voltage 600 V
10 Amp Low Loss Ultrafast Rectifier
Elektronische Bauelemente
20-Jul-2018 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
High Surge Capacity
150°C Operating Junction Temperature
Low Power Loss, High Efficiency
High-Switching Speed 50 Nanosecond Recovery Time
Low Forward Voltage, High Current Capability
Low Stored Charge Majority Carrier Conduction
Plastic Material Used Carries Underwriters Laboratory
Flammability Classification 94V-0
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
VRRM
600
V
Working Peak Reverse Voltage
VRWM
600
V
DC Blocking Voltage
VR
600
V
Average Rectifier Forward Current
IF(AV)
10
A
Non-Repetitive Peak Surge Current @ Surge applied at rate load
conditions half-wave, single phase, 60Hz
IFSM
110
A
Max. Instantaneous Forward Voltage @ IF=10A
VF
1.35
V
Max. Instantaneous Reverse Current 2
TJ=25°C
IR
5
µA
TJ=100°C
20
Reverse Recovery Time 3
TRR
50
nS
Typical Junction Capacitance 1
CJ
50
pF
Thermal Resistance
RθJC
4
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~+150
°C
Notes:
1. Measured at 1MHz and applied reverse voltage of 5V D.C.
2. Pulse Test: Pulse Width=300
µs, Duty Cycle≦2%.
3. IF=0.5A, IR =1A, IRR=0.25A.
Part Number
Type
SF10H60F
Lead (Pb)-free
SF10H60F-C
Lead (Pb)-free and Halogen-free
ITO-220A
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
9.50
10.70
G
3.60
5.90
B
14.40
15.90
H
3.45
4.50
C
12.70
14.20
J
2.10
3.20
D
8.40TYP
K
0.40
0.80
E
4.20
5.10
L
0.30
0.90
F
2.50
3.56
M
φ
2.60
φ
3.80


Similar Part No. - SF10H60F

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
SF10H1020BBL WALSIN-SF10H1020BBL Datasheet
497Kb / 9P
Automotive grade AEC Q-200 Compliant
SF10H1020BGL WALSIN-SF10H1020BGL Datasheet
497Kb / 9P
Automotive grade AEC Q-200 Compliant
SF10H1020BQL WALSIN-SF10H1020BQL Datasheet
497Kb / 9P
Automotive grade AEC Q-200 Compliant
SF10H1020BTL WALSIN-SF10H1020BTL Datasheet
497Kb / 9P
Automotive grade AEC Q-200 Compliant
SF10H1020DBL WALSIN-SF10H1020DBL Datasheet
497Kb / 9P
Automotive grade AEC Q-200 Compliant
More results

Similar Description - SF10H60F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF08S60F SECOS-SF08S60F Datasheet
59Kb / 2P
8 Amp Low Loss Ultrafast Rectifier
SF08U60 SECOS-SF08U60 Datasheet
257Kb / 2P
8 Amp Low Loss Ultrafast Rectifier
SF08U60F SECOS-SF08U60F Datasheet
158Kb / 2P
8 Amp Low Loss Ultrafast Rectifier
SF16SD20 SECOS-SF16SD20 Datasheet
766Kb / 3P
16 Amp Low Loss Ultrafast Rectifier
SF10U60F SECOS-SF10U60F Datasheet
179Kb / 2P
10 Amp Low Loss Ultrafast Rectifier
SF05U60E SECOS-SF05U60E_15 Datasheet
324Kb / 2P
5 Amp Low Loss Ultrafast Rectifier
SF05U60F SECOS-SF05U60F_15 Datasheet
175Kb / 2P
5 Amp Low Loss Ultrafast Rectifier
SF08U60 SECOS-SF08U60_15 Datasheet
257Kb / 2P
8 Amp Low Loss Ultrafast Rectifier
SF08U60F SECOS-SF08U60F_15 Datasheet
79Kb / 2P
8 Amp Low Loss Ultrafast Rectifier
SF10U60F SECOS-SF10U60F_15 Datasheet
179Kb / 2P
10 Amp Low Loss Ultrafast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com