Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5829 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5829
Description  For High Speed Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5829 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5829 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5829 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5829 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Publication date: December 2002
SJC00287AED
Transistors
■ Electrical Characteristics T
a
= 25°C ± 3°C
2SC5829
Silicon NPN epitaxial planar type
For high speed switching
■ Features
• Allowing the small current and low voltage operation
• High transition frequency f
T
• Suitable for high-density mounting and downsizing of the equip-
ment for Ultraminiature leadless package
0.6 mm
× 1.0 mm (height 0.39 mm)
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 10 V, I
E
= 01
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 1.5 V, IC = 01
µA
Forward current transfer ratio
hFE
VCE = 1 V, IC = 1 mA
100
200
Transition frequency
fT
VCE
= 1 V, I
C
= 1 mA, f = 0.8 GHz
4
GHz
Collector output capacitance
Cob
VCB = 1 V, IE = 0, f = 1 MHz
0.4
pF
(Common base, input open circuited)
Forward transfer gain
S
21e
2
VCE = 1 V, IC = 1 mA, f = 0.8 GHz
6
dB
Maximum unilateral power gain
GUM
VCE = 1 V, IC = 1 mA, f = 0.8 GHz
15
dB
Noise figure
NF
VCE
= 1 V, I
C
= 1 mA, f = 0.8 GHz
3.5
dB
Unit: mm
Marking Symbol: X
1.00±0.05
2
1
3
0.39
+0.01
−0.03
0.25±0.05
0.25±0.05
0.65±0.01
2
1
0.05±0.03
3
1: Base
2: Emitter
3: Collector
ML3-N2 Package
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
10
V
Collector-emitter voltage (Base open)
VCEO
7V
Emitter-base voltage (Collector open)
VEBO
2V
Collector current
IC
10
mA
Collector power dissipation
PC
50
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.


Similar Part No. - 2SC5829

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5820 RENESAS-2SC5820 Datasheet
147Kb / 11P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
logo
Sanyo Semicon Device
2SC5823 SANYO-2SC5823 Datasheet
39Kb / 4P
Switching Regulator Applications
logo
Inchange Semiconductor ...
2SC5823 ISC-2SC5823 Datasheet
295Kb / 2P
Silicon NPN Power Transistor
2SC5823 ISC-2SC5823 Datasheet
276Kb / 2P
Silicon NPN Power Transistor
2SC5823-251 ISC-2SC5823-251 Datasheet
295Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5829

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAV70 SIEMENS-BAV70 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switchingFor high-speed switching)
logo
Panasonic Semiconductor
2SC4691J PANASONIC-2SC4691J Datasheet
74Kb / 3P
For High-Speed Switching
logo
Infineon Technologies A...
BAV99B5003 INFINEON-BAV99B5003 Datasheet
171Kb / 13P
For high-speed switching applications
2007-09-19
BAS16-02VE6327 INFINEON-BAS16-02VE6327 Datasheet
1,015Kb / 21P
For high-speed switching applications
2009-09-28
BAS16E6327 INFINEON-BAS16E6327 Datasheet
1,015Kb / 21P
For high-speed switching applications
2009-09-28
BAV99E6327 INFINEON-BAV99E6327 Datasheet
171Kb / 13P
For high-speed switching applications
2007-09-19
logo
Panasonic Semiconductor
DA4X101K0R PANASONIC-DA4X101K0R Datasheet
327Kb / 5P
For high speed switching circuits
logo
Infineon Technologies A...
BAS21-03WE6327 INFINEON-BAS21-03WE6327 Datasheet
119Kb / 9P
For high-speed switching applications
2007-04-19
BAS28E-6433 INFINEON-BAS28E-6433 Datasheet
93Kb / 7P
For high-speed switching applications
2007-04-19
BAV99S-E6327 INFINEON-BAV99S-E6327 Datasheet
171Kb / 13P
For high-speed switching applications
2007-09-19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com