Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L796BSRC/B Datasheet(PDF) 1 Page - Kingbright Corporation

Part # L796BSRC/B
Description  The High Efficiency Red Source Color Devices
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L796BSRC/B Datasheet(HTML) 1 Page - Kingbright Corporation

  L796BSRC/B Datasheet HTML 1Page - Kingbright Corporation L796BSRC/B Datasheet HTML 2Page - Kingbright Corporation L796BSRC/B Datasheet HTML 3Page - Kingbright Corporation L796BSRC/B Datasheet HTML 4Page - Kingbright Corporation L796BSRC/B Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: CDA0807
REV NO: V.1
DATE: NOV/18/2001
PAGE: 1 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: Y.F.XU
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Package Dimensions
L796BID HIGH EFFICIENCY RED
L796BGD GREEN
L796BYD YELLOW
L796BSRD/B SUPER BRIGHT RED
L796BSRC/B SUPER BRIGHT RED
8mm BLINKING LED LAMPS
Features
!
8mm DIAMETER BIG LAMP WITH BULIT-IN
BLINKING IC.
!
OPERATION VOLTAGE FROM 3.5V to 14V.
!
BLINKING FREQUENCY FROM 3.0Hz to 1.5Hz.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.


Similar Part No. - L796BSRC/B

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
L79 VCC-L79 Datasheet
590Kb / 2P
LED Indicator lights mounting hole
logo
STMicroelectronics
L79 STMICROELECTRONICS-L79 Datasheet
652Kb / 28P
Negative voltage regulators
June 2014 Rev 22
L7900 STMICROELECTRONICS-L7900 Datasheet
445Kb / 13P
NEGATIVE VOLTAGE REGULATORS
Nov-1999
L7900AC STMICROELECTRONICS-L7900AC Datasheet
93Kb / 11P
2% NEGATIVE VOLTAGE REGULATORS
Nov-1999
L7900AC STMICROELECTRONICS-L7900AC Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
More results

Similar Description - L796BSRC/B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MSGB51T MICRO-ELECTRONICS-MSGB51T Datasheet
133Kb / 3P
HIGH EFFICIENCY RED/GREEN BI-COLOR LAMP
MSGB51TAP MICRO-ELECTRONICS-MSGB51TAP Datasheet
161Kb / 3P
HIGH EFFICIENCY RED/GREEN DUAL COLOR LAMP
logo
Kingbright Corporation
KPT-1608PBC KINGBRIGHT-KPT-1608PBC Datasheet
95Kb / 4P
The Blue source Color Devices are made with InGaN on SiCLight Emitting Diode
L-814PWC KINGBRIGHT-L-814PWC Datasheet
80Kb / 3P
The source color Devices are made with InGaN on SiC Light Emitting Diode
PSA08-11EWA KINGBRIGHT-PSA08-11EWA Datasheet
73Kb / 3P
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
L1553HDT KINGBRIGHT-L1553HDT Datasheet
178Kb / 6P
The Bright Red Source Color Devices are made with Gallium Phosphide Red Light Emitting Diode
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
The High Efficiency Red Source color Devices
KB-H100SRW KINGBRIGHT-KB-H100SRW Datasheet
69Kb / 3P
The Super Bright Red source color devices
WP710A10ID5V KINGBRIGHT-WP710A10ID5V Datasheet
309Kb / 7P
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
WP7113ID5V KINGBRIGHT-WP7113ID5V_13 Datasheet
312Kb / 7P
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com