Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR032FB Datasheet(PDF) 26 Page - STMicroelectronics

Part # M58WR032FB
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M58WR032FB Datasheet HTML 22Page - STMicroelectronics M58WR032FB Datasheet HTML 23Page - STMicroelectronics M58WR032FB Datasheet HTML 24Page - STMicroelectronics M58WR032FB Datasheet HTML 25Page - STMicroelectronics M58WR032FB Datasheet HTML 26Page - STMicroelectronics M58WR032FB Datasheet HTML 27Page - STMicroelectronics M58WR032FB Datasheet HTML 28Page - STMicroelectronics M58WR032FB Datasheet HTML 29Page - STMicroelectronics M58WR032FB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 86 page
background image
M58WR032FT, M58WR032FB
26/86
CONFIGURATION REGISTER
The Configuration Register is used to configure
the type of bus access that the memory will per-
form. Refer to READ MODES section for details
on read operations.
The Configuration Register is set through the
Command Interface. After a Reset or Power-Up
the device is configured for asynchronous page
read (CR15 = 1). The Configuration Register bits
are described in Table 9. They specify the selec-
tion of the burst length, burst type, burst X latency
and the Read operation. Refer to Figures 6 and 7
for examples of synchronous burst configurations.
Read Select Bit (CR15)
The Read Select bit, CR15, is used to switch be-
tween asynchronous and synchronous Bus Read
operations. When the Read Select bit is set to ’1’,
read operations are asynchronous; when the
Read Select bit is set to ’0’, read operations are
synchronous. Synchronous Burst Read is support-
ed in both parameter and main blocks and can be
performed across banks.
On reset or power-up the Read Select bit is set
to’1’ for asynchronous access.
X-Latency Bits (CR13-CR11)
The X-Latency bits are used during Synchronous
Read operations to set the number of clock cycles
between the address being latched and the first
data becoming available. For correct operation the
X-Latency bits can only assume the values in Ta-
ble 9., Configuration Register.
The correspondence between X-Latency settings
and the maximum sustainable frequency must be
calculated taking into account some system pa-
rameters. Two conditions must be satisfied:
1.
Depending on whether tAVK_CPU or tDELAY is
supplied either one of the following two
equations must be satisfied:
(n + 1) tK ≥ tACC - tAVK_CPU + tQVK_CPU
(n + 2) tK ≥ tACC + tDELAY + tQVK_CPU
2.
and also
tK > tKQV + tQVK_CPU
where
n is the chosen X-Latency configuration code
tK is the clock period
tAVK_CPU is clock to address valid, L Low, or E
Low, whichever occurs last
tDELAY is address valid, L Low, or E Low to clock,
whichever occurs last
tQVK_CPU is the data setup time required by the
system CPU,
tKQV is the clock to data valid time
tACC is the random access time of the device.
Refer to Figure 6., X-Latency and Data Output
Configuration Example.
Wait Polarity Bit (CR10)
In synchronous burst mode the Wait signal indi-
cates whether the output data are valid or a WAIT
state must be inserted. The Wait Polarity bit is
used to set the polarity of the Wait signal. When
the Wait Polarity bit is set to ‘0’ the Wait signal is
active Low. When the Wait Polarity bit is set to ‘1’
the Wait signal is active High (default).
Data Output Configuration Bit (CR9)
The Data Output Configuration bit determines
whether the output remains valid for one or two
clock cycles. When the Data Output Configuration
Bit is ’0’ the output data is valid for one clock cycle,
when the Data Output Configuration Bit is ’1’ the
output data is valid for two clock cycles.
The Data Output Configuration depends on the
condition:
■
tK > tKQV + tQVK_CPU
where tK is the clock period, tQVK_CPU is the data
setup time required by the system CPU and tKQV
is the clock to data valid time. If this condition is not
satisfied, the Data Output Configuration bit should
be set to ‘1’ (two clock cycles). Refer to Figure 6.,
X-Latency and Data Output Configuration Exam-
ple.
Wait Configuration Bit (CR8)
In burst mode the Wait bit controls the timing of the
Wait output pin, WAIT. When WAIT is asserted,
Data is Not Valid and when WAIT is deasserted,
Data is Valid. When the Wait bit is ’0’ the Wait out-
put pin is asserted during the wait state. When the
Wait bit is ’1’ (default) the Wait output pin is assert-
ed one clock cycle before the wait state.
Burst Type Bit (CR7)
The Burst Type bit is used to configure the se-
quence of addresses read as sequential or inter-
leaved. When the Burst Type bit is ’0’ the memory
outputs from interleaved addresses; when the
Burst Type bit is ’1’ (default) the memory outputs
from sequential addresses. See Table 10., Burst
Type Definition, for the sequence of addresses
output from a given starting address in each mode.
Valid Clock Edge Bit (CR6)
The Valid Clock Edge bit, CR6, is used to config-
ure the active edge of the Clock, K, during Syn-
chronous Burst Read operations. When the Valid
Clock Edge bit is ’0’ the falling edge of the Clock is
the active edge; when the Valid Clock Edge bit is
’1’ the rising edge of the Clock is active.
Wrap Burst Bit (CR3)
The burst reads can be confined inside the 4 or 8
Word boundary (wrap) or overcome the boundary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com