Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2631540002 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2631540002
Description  Round Cable Snap- Its
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2631540002 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2631540002 Datasheet HTML 1Page - Fair-Rite Products Corp. 2631540002 Datasheet HTML 2Page - Fair-Rite Products Corp. 2631540002 Datasheet HTML 3Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Round Cable Snap- Its (0431164281)
Part Number: 0431164281
31 ROUND CABLE CORE ASSEMBLY
Explanation of Part Numbers:
– Digits 1 & 2 = Product Class
– Digits 3 & 4 = Material Grade
Round cable snap- its can easily accommodate round cables or bundled wires with diameters from 2.5 mm (0.100) to 25.4
mm (1.000). These assemblies are available in four ferrite material classes to suppress differential or common- mode
conducted EMI from 1 MHz into the GHz region. The polypropylene cases are meeting the RoHS restrictions of
hazardous substances and have a flammability rating of UL 94 V-0.
Many of the snap- it parts have round core equivalents. See Round Cable EMI Suppression Cores”.
Round Cable Snap- It Kits are available for each of the four suppression materials. 31 Snap- It Kit (0199000030), 43 Snap- It Kit
(0199000031), 46 Core and Snap- It Kit (0199000032) and 61 Snap- It Kit (0199000033).
Catalog Drawing
3D Model
The B dimension is the core inside diameter.
Weight: 26 (g)
Chart Legend
+ Test frequency
•For solid cable cores, see Round Cable EMI Suppression Cores
Dim
mm
mm tol
nominal inch
inch misc.
A
20
_
0.788
_
B
6.6
_
0.26
_
C
39.4
_
1.55
_
D
9.8
_
0.385
_
Cable Information
Max
Diameter
Max
Dimension
Solid
Equivalent
Flat Cable
Cores
6.3
0.25
_
2631540002
-


Similar Part No. - 2631540002

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2631540002 FAIR-RITE-2631540002 Datasheet
617Kb / 2P
Round Cable EMI Suppression Cores
More results

Similar Description - 2631540002

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
0431164951 FAIR-RITE-0431164951 Datasheet
624Kb / 3P
Round Cable Snap- Its
0431173951 FAIR-RITE-0431173951 Datasheet
621Kb / 3P
Round Cable Snap- Its
0431176451 FAIR-RITE-0431176451 Datasheet
622Kb / 3P
Round Cable Snap- Its
0443167251 FAIR-RITE-0443167251_19 Datasheet
567Kb / 2P
Round Cable Snap- Its
0443178181 FAIR-RITE-0443178181 Datasheet
563Kb / 2P
Round Cable Snap- Its
0444173551 FAIR-RITE-0444173551_19 Datasheet
571Kb / 2P
Round Cable Snap- Its
0446164251 FAIR-RITE-0446164251 Datasheet
568Kb / 2P
Round Cable Snap- Its
0446167251 FAIR-RITE-0446167251 Datasheet
567Kb / 2P
Round Cable Snap- Its
0446167281 FAIR-RITE-0446167281 Datasheet
566Kb / 2P
Round Cable Snap- Its
0475181651 FAIR-RITE-0475181651 Datasheet
579Kb / 3P
Round Cable Snap- Its
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com