Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6041 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6041
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6041 Datasheet HTML 1Page - Microchip Technology MCP6041 Datasheet HTML 2Page - Microchip Technology MCP6041 Datasheet HTML 3Page - Microchip Technology MCP6041 Datasheet HTML 4Page - Microchip Technology MCP6041 Datasheet HTML 5Page - Microchip Technology MCP6041 Datasheet HTML 6Page - Microchip Technology MCP6041 Datasheet HTML 7Page - Microchip Technology MCP6041 Datasheet HTML 8Page - Microchip Technology MCP6041 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2002 Microchip Technology Inc.
DS21669B-page 5
MCP6041/2/3/4
Note:
Unless otherwise indicated, VDD = +5 V, VSS = GND, TA = 25°C, VCM = VDD/2, RL = 1 MΩ to VDD/2,
CL = 60 pF, and VOUT ~VDD/2.
FIGURE 2-7:
Histogram of Input Offset
Voltage Drift with VDD = 5.5 V, VCM = VDD/2.
FIGURE 2-8:
Histogram of Input Offset
Voltage Drift with VDD = 5.5 V, VCM = VSS.
FIGURE 2-9:
Histogram of Input Offset
Voltage Drift with VDD = 1.4 V, VCM = VSS.
FIGURE 2-10:
Input Offset Voltage vs.
Common Mode Input Voltage vs. Temperature
with VDD = 5.5 V.
FIGURE 2-11:
Input Offset Voltage vs.
Common Mode Input Voltage vs. Temperature
with VDD = 1.4 V.
FIGURE 2-12:
Input Offset Voltage vs.
Output Voltage vs. Power Supply Voltage.
0%
5%
10%
15%
20%
25%
30%
35%
Input Offset Voltage Drift (µV/°C)
1176 Samples
VDD = 5.5V
VCM = VDD/2
0%
5%
10%
15%
20%
25%
30%
35%
Input Offset Voltage Drift (µV/°C)
1143 Samples
VDD = 5.5V
VCM = VSS
0%
5%
10%
15%
20%
25%
30%
35%
Input Offset Voltage Drift (µV/°C)
1124 Samples
VDD = 1.4V
VCM = VSS
-400
-300
-200
-100
0
100
200
300
400
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Common Mode Input Voltage (V)
TA = -40°C
VDD = 5.5V
TA = +25°C
TA = +85°C
TA = -40°C
TA = +25°C
TA = +85°C
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
-0.5
0.0
0.5
1.0
1.5
2.0
Common Mode Input Voltage (V)
TA = +85°C
VDD = 1.4V
TA = -40°C
TA = +25°C
TA = +85°C
TA = +85°C
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Output Voltage (V)
RL = 50 kΩ
VDD = 5.5V
VDD = 1.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com