Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6041T Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6041T
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041T Datasheet(HTML) 1 Page - Microchip Technology

  MCP6041T Datasheet HTML 1Page - Microchip Technology MCP6041T Datasheet HTML 2Page - Microchip Technology MCP6041T Datasheet HTML 3Page - Microchip Technology MCP6041T Datasheet HTML 4Page - Microchip Technology MCP6041T Datasheet HTML 5Page - Microchip Technology MCP6041T Datasheet HTML 6Page - Microchip Technology MCP6041T Datasheet HTML 7Page - Microchip Technology MCP6041T Datasheet HTML 8Page - Microchip Technology MCP6041T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2002 Microchip Technology Inc.
DS21669B-page 1
M
MCP6041/2/3/4
Features
• Low Quiescent Current: 600 nA/Amplifier (typ)
• Rail-to-Rail Input: -0.3 V to VDD+0.3 V (max)
• Rail-to-Rail Output:
VSS+10 mV to VDD-10 mV (max)
• Gain Bandwidth Product: 14 kHz (typ)
• Wide Supply Voltage Range: 1.4 V to 5.5 V (max)
• Unity Gain Stable
• Available in Single, Dual and Quad
• Chip Select (CS) with MCP6043
• 5-lead SOT-23 package (MCP6041 only)
Applications
• Toll Booth Tags
• Wearable Products
• Temperature Measurement
• Battery Powered
Available Tools
• Spice macro models (at www.microchip.com)
• FilterLab® Software (at www.microchip.com)
Package Types
Description
The MCP6041/2/3/4 family of operational amplifiers
from Microchip Technology, Inc. operate with a single
supply voltage as low as 1.4 V, while drawing less than
1 µA (max) of quiescent current per amplifier. These
devices are also designed to support rail-to-rail input
and output operation. This combination of features sup-
ports battery-powered and portable applications.
The MCP6041/2/3/4 amplifiers have a typical gain
bandwidth product of 14 kHz (typ) and are unity gain
stable. These specs make these operational amplifiers
appropriate for low frequency applications, such as
battery current monitoring and sensor conditioning.
The MCP6041/2/3/4 family operational amplifiers are
offered in single (MCP6041), single with a Chip Select
(CS) feature (MCP6043), dual (MCP6042) and quad
(MCP6044) configurations. The MCP6041 device is
available in the 5-lead SOT-23 package.
Typical Application
+IN
-IN
VSS
VDD
OUT
1
2
3
4
8
7
6
5
-
+
NC
NC
NC
+INA
-INA
VSS
1
2
3
4
8
7
6
5
-
OUTA
+ -
+
A
B
VDD
OUTB
-INB
+INB
+IN
-IN
VSS
VDD
OUT
1
2
3
4
8
7
6
5
-
+
NC
CS
NC
+INA1
-INA1
VSS
1
2
3
4
14
13
12
11
-
OUTA
+ -
+
A
D
VDD
OUTD
-IND
+IND
10
9
8
5
6
7
OUTB1
-INB
+INB
+INC
-INC
OUTC
+
-
B
C
-
+
MCP6041
PDIP, SOIC, MSOP
MCP6042
PDIP, SOIC, MSOP
MCP6043
PDIP, SOIC, MSOP
MCP6044
PDIP, SOIC, TSSOP
MCP6041
SOT-23-5
VDD
+IN
1
2
3
5
-IN
VSS
OUT
4
VDD
10
Ω
MCP604X
100 k
Ω
1M
Ω
VDD
IDD
+2.5 V
to
5.5 V
VSS
High Side Batter
y Current Sensor
600 nA, Rail-to-Rail Input/Output Op Amps


Similar Part No. - MCP6041T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6041T MICROCHIP-MCP6041T Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041T-E MICROCHIP-MCP6041T-E Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6041T-E/OT MICROCHIP-MCP6041T-E/OT Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6041T-EOT MICROCHIP-MCP6041T-EOT Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041T-EOT MICROCHIP-MCP6041T-EOT Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
More results

Similar Description - MCP6041T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6041 MICROCHIP-MCP6041_13 Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
2001-2013
MCP6041T-I MICROCHIP-MCP6041T-I Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6044-I MICROCHIP-MCP6044-I Datasheet
1Mb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041T-E MICROCHIP-MCP6041T-E Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6044-E MICROCHIP-MCP6044-E Datasheet
617Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6043T-I MICROCHIP-MCP6043T-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-E MICROCHIP-MCP6044-E Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-I MICROCHIP-MCP6044-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com