Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6044T Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6044T
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6044T Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6044T Datasheet HTML 12Page - Microchip Technology MCP6044T Datasheet HTML 13Page - Microchip Technology MCP6044T Datasheet HTML 14Page - Microchip Technology MCP6044T Datasheet HTML 15Page - Microchip Technology MCP6044T Datasheet HTML 16Page - Microchip Technology MCP6044T Datasheet HTML 17Page - Microchip Technology MCP6044T Datasheet HTML 18Page - Microchip Technology MCP6044T Datasheet HTML 19Page - Microchip Technology MCP6044T Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MCP6041/2/3/4
DS21669B-page 16
2002 Microchip Technology Inc.
E47 47
0 POLY(1) 4 0
0 1
V44 43 44 1M
D44 45 44 DLS
D46 46 45 DLS
V46 46 47 1M
G45 47 45 POLY(2) 31 0 3 4
0 8U 4U
R45 45 47 125K
R48 45
5 44
C48
5
0 2P
*
* Models
.MODEL NMI NMOS L=2 W=42
.MODEL DL
D N=1
IS=1F
.MODEL DLS
D N=1M
IS=1F
.MODEL DN1
D IS=1F KF=1.13E-18 AF=1
.MODEL DN23 D IS=1F KF=3E-20
AF=1
*
.ENDS MCP6041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com