Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF08E60F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF08E60F
Description  8.0 Amp Super Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF08E60F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF08E60F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF08E60F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF08E60F
Voltage 600 V
8.0 Amp Super Fast Recovery Rectifier
Elektronische Bauelemente
21-May-2018 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Fast Switching for High Efficiency
150°C Operating Junction Temperature
Low Power Loss, High Efficiency
High-Switching Speed 25 Nanosecond Recovery Time
Low Forward Voltage, High Current Capability
Plastic Material Used Carries Underwriters Laboratory
Flammability Classification 94V-0
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
VRRM
600
V
Working Peak Reverse Voltage
VRWM
600
V
DC Blocking Voltage
VR
600
V
Average Rectifier Forward Current
IF(AV)
8
A
Non-Repetitive Peak Surge Current @ Surge applied at rate load
conditions half-wave, single phase, 60Hz
IFSM
70
A
Max. Instantaneous Forward Voltage @ IF=8A
VF
2.3
V
Max. Instantaneous Reverse Current 2
TJ=25°C
IR
5
µA
TJ=100°C
20
Reverse Recovery Time 3
TRR
25
nS
Typical Junction Capacitance 1
CJ
20
pF
Thermal Resistance
RθJC
4
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1. Measured at 1MHz and applied reverse voltage of 5V D.C.
2. Pulse Test: Pulse Width=300
µs, Duty Cycle≦2%.
3. IF=0.5A, IR =1A, IRR=0.25A.
Part Number
Type
SF08E60F
Lead (Pb)-free
SF08E60F-C
Lead (Pb)-free and Halogen-free
ITO-220A
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
14.40
15.90
H
3.45
5.30
B
9.50
10.70
J
1.6 TYP.
C
12.40
14.30
K
0.30
0.90
D
4.20
5.10
L
2.54 TYP.
E
2.50
3.65
M
2.15
3.25
F
2.10
3.20
N
φ 2.6 φ 3.56
G
0.30
0.80


Similar Part No. - SF08E60F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SF08E60F SECOS-SF08E60F Datasheet
256Kb / 2P
8 Amp Super Fast Rectifier
SF08E60F SECOS-SF08E60F_15 Datasheet
256Kb / 2P
8 Amp Super Fast Rectifier
More results

Similar Description - SF08E60F

ManufacturerPart #DatasheetDescription
logo
Bytes
FR801 BYTES-FR801 Datasheet
160Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
SF81 BYTES-SF81 Datasheet
165Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF81 FORMOSA-SF81 Datasheet
39Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SFG08E200F SECOS-SFG08E200F Datasheet
465Kb / 4P
Voltage 200V ~ 600V 8.0 Amp Super Fast Recovery Rectifier
SFG08S1200 SECOS-SFG08S1200 Datasheet
754Kb / 2P
Voltage 1200V 8.0 Amp Super Fast Rectifier
logo
Goodwork Semiconductor ...
SF81 GWSEMI-SF81 Datasheet
76Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
SFF81 GWSEMI-SFF81 Datasheet
75Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
FR801 GWSEMI-FR801 Datasheet
71Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
FRF801 GWSEMI-FRF801 Datasheet
71Kb / 2P
8.0 AMP FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF08E60 SECOS-SF08E60_18 Datasheet
144Kb / 2P
8.0 Amp Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com