Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1459LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK1459LS
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK1459LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK1459LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK1459LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK1459LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK1459LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK1459LS
No.3462-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Static Drain-to-Source On-State Resistance
RDS(on)
ID=1.5A, VGS=10V
4.7
60
Ω
Input Capacitance
Ciss
VDS=20V, f=1MHz
350
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
150
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
100
pF
Turn-ON Delay Time
td(on)
ID=1.5A, VGS=10V, VDD=200V, RGS=50Ω
15
ns
Rise Time
tr
ID=1.5A, VGS=10V, VDD=200V, RGS=50Ω
25
ns
Turn-OFF Delay Time
td(off)
ID=1.5A, VGS=10V, VDD=200V, RGS=50Ω
120
ns
Fall Time
tf
ID=1.5A, VGS=10V, VDD=200V, RGS=50Ω
40
ns
Diode Forward Voltage
VSD
IS=2.5A, VGS=0
1.8
V
(Note) Be careful in handling the 2SK1459LS because it has no protection diode between gate and source.
Switching Time Test Circuit
0
ID -- VGS
2
1
5
4
3
0
0
28
612
10
14
4
0
ID -- VDS
4
3
2
1
12
48
24
16
20
6V
5V
4V
V GS
=10V
ITR01582
0
0
ID -- VDS
6
5
4
3
1
2
30
10
20
60
40
50
5V
6V
4V
V GS
=10V
ITR01583
ITR01584
VDS=20V
25
°C
75
°C
--60
--40
--20
ID -- Tc
2
1
5
4
3
0
20
060
40
160
140
120
100
80
ITR01585
VGS=10V
V
DS =20V
10V
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
PW=1
µs
D.C.
≤0.5%
P.G
RGS
50
Ω
G
S
D
ID=1.5A
RL=133Ω
VDD
200V
VOUT
2SK1459LS
VGS
10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com