Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1DLS Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # S1DLS
Description  1.2A, 200V - 1000V Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1DLS Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  S1DLS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1DLS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1DLS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1DLS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S1DLS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd S1DLS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
S1DLS - S1MLS
Taiwan Semiconductor
5
Version:F1707
PACKAGE OUTLINE DIMENSIONS
SOD-123HE
SUGGESTED PAD LAYOUT
MARKING DIAGRAM
DIM.
Unit (mm)
Unit (inch)
Min
Max
Min
Max
A
1.65
1.95
0.065
0.077
B
2.60
3.00
0.102
0.118
C
0.85
1.15
0.033
0.045
D
0.75
0.85
0.030
0.033
E
0.10
0.20
0.004
0.008
F
0.55
0.75
0.022
0.030
G
0.35
0.55
0.014
0.022
H
1.90
2.30
0.075
0.091
I
1.35
1.55
0.053
0.061
J
0.95
1.25
0.037
0.049
K
3.50
3.90
0.138
0.154
L
0.35
0.55
0.014
0.022
Symbol
Unit (mm)
Unit (inch)
A
1.40
0.055
B
2.40
0.094
C
0.70
0.028
D
0.90
0.035
E
1.40
0.055
P/N
= Marking Code
YW
= Date Code
F
= Factory Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com