Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1065HT Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # MM1065HT
Description  Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1065HT Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM1065HT Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1065HT Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUMI Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin MM1065 and 1165
Equivalent Circuit Diagram
Electrical Characteristics (MMP-4P)
Basic Circuit Connection Diagram
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Input current while off
Iccq2
MM1065
2.5
7
µA
MM1165
3
6
µA
On/off pin current while off
IOFF
MM1065
4
7
µA
MM1165
0.2
0.1
µA
On/off pin level
On/off pin high level
High
2.4
V
On/off pin low level
Low
-0.3
0.4
V
VIN=6V
V(ON/OFF)=High
VIN=6V
V(ON/OFF)=Low
V(ON/OFF)=2.4V
V(ON/OFF)=0.4V
VIN
+0.3
On/Off Pin Level
Low
High
MM1065 output
ON
OFF
MM1165 output
OFF
ON
C1 >
= 1µF (ceramic)
C2 >
= 1µF (ceramic)
[



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com