Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3417C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3417C
Description  SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3417C Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3417C Datasheet HTML 1Page - Diodes Incorporated AP3417C Datasheet HTML 2Page - Diodes Incorporated AP3417C Datasheet HTML 3Page - Diodes Incorporated AP3417C Datasheet HTML 4Page - Diodes Incorporated AP3417C Datasheet HTML 5Page - Diodes Incorporated AP3417C Datasheet HTML 6Page - Diodes Incorporated AP3417C Datasheet HTML 7Page - Diodes Incorporated AP3417C Datasheet HTML 8Page - Diodes Incorporated AP3417C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP3417C
Document number: DS36516 Rev. 2 - 2
2 of 12
www.diodes.com
May 2016
© Diodes Incorporated
AP3417C
Typical Applications Circuit
VIN=2.5V to 5.5V
L 2.2
mH
CIN
4.7
mF
VIN
GND
EN
LX
FB
COUT
10
mF
VOUT
R1
R2
IR2
Component Guide
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
L (µH)
3.3
450
100
2.2
2.5
320
100
2.2
1.8
200
100
2.2
1.2
100
100
2.2
1.0
66
100
2.2
Pin Descriptions
Pin Number
Pin Name
Function
SOT-23-5
W-DFN2020-6
(Type US)
1
2
EN
Chip enable pin. Active high
2
5
GND
Ground pin
3
4
LX
Switch output pin
4
3
VIN
Power supply
5
6
FB
Feedback voltage of output
–
1
NC
No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com