Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3503 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3503
Description  SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3503 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3503 Datasheet HTML 1Page - Diodes Incorporated AP3503 Datasheet HTML 2Page - Diodes Incorporated AP3503 Datasheet HTML 3Page - Diodes Incorporated AP3503 Datasheet HTML 4Page - Diodes Incorporated AP3503 Datasheet HTML 5Page - Diodes Incorporated AP3503 Datasheet HTML 6Page - Diodes Incorporated AP3503 Datasheet HTML 7Page - Diodes Incorporated AP3503 Datasheet HTML 8Page - Diodes Incorporated AP3503 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP3503
Document number: DS41526 Rev. 2 - 2
3 of 10
www.diodes.com
October 2018
© Diodes Incorporated
AP3503
Functional Block Diagram
S
R
Q
Q
INTERNAL
REGULATOR
OSCILLATOR
2
7
5
4
3
1
VA
BS
SW
GND
EA
6
COMP
FB
EN
IN
COMPARATOR
8
SS
CURRENT
SENSE
AMPLIFIER
CLK
SLOP
COMP
PWM
COMPARATOR
1.3V
+
SCP
VA
VB
VB
6
mA
90 k/340 k
0. 925 V
2.5V
M1
M2
0.3V
COMPARATOR
1.5V
SHUTDOWN
LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com