Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4305 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP4305
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4305 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP4305 Datasheet HTML 1Page - Diodes Incorporated AP4305 Datasheet HTML 2Page - Diodes Incorporated AP4305 Datasheet HTML 3Page - Diodes Incorporated AP4305 Datasheet HTML 4Page - Diodes Incorporated AP4305 Datasheet HTML 5Page - Diodes Incorporated AP4305 Datasheet HTML 6Page - Diodes Incorporated AP4305 Datasheet HTML 7Page - Diodes Incorporated AP4305 Datasheet HTML 8Page - Diodes Incorporated AP4305 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP4305
Document number: DS37513 Rev.2 - 2
3 of 10
www.diodes.com
September 2014
© Diodes Incorporated
AP4305
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
VCTRL
Input pin of the voltage control loop
2
GND
Ground
3
VOUT
Output pin. Sinking current only
4
ICTRL
Input pin of the current control loop
5
VSENSE
Input pin of the current control loop
6
VCC
Power supply
Functional Block Diagram
1
2
3
4
5
6
VCTRL
VOUT
ICTRL
VCC
VSENSE
GND
1.210V
200mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com