Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR3415C Datasheet(PDF) 6 Page - Diodes Incorporated

Part # APR3415C
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR3415C Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button APR3415C Datasheet HTML 2Page - Diodes Incorporated APR3415C Datasheet HTML 3Page - Diodes Incorporated APR3415C Datasheet HTML 4Page - Diodes Incorporated APR3415C Datasheet HTML 5Page - Diodes Incorporated APR3415C Datasheet HTML 6Page - Diodes Incorporated APR3415C Datasheet HTML 7Page - Diodes Incorporated APR3415C Datasheet HTML 8Page - Diodes Incorporated APR3415C Datasheet HTML 9Page - Diodes Incorporated APR3415C Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
APR3415C
Document number: DS37105 Rev. 4 - 2
6 of 11
www.diodes.com
December 2016
© Diodes Incorporated
APR3415C
Output Voltage Detect Function Description
VDET
VCC V
ON
VTRIGGER
VOFF
tOSC
VOVP
VTRIGGER
IVCC
IDIS
UVLO
VDIS
VDIS
IOVP
tDIS
tDIS
tDIS
tDIS
tDIS
tDIS
tOSC
tOVP_LAST
Figure 1. Typical Waveforms of APR3415C
When VCC is beyond power-on voltage (VON), the APR3415C starts up. The VDET pin asserts a periodical pulse and the oscillation period is tOSC.
When VCC is beyond the trigger voltage (VTRIGGER), the periodical pulse at VDET pin is discontinued. When VCC is beyond the discharge voltage
(VDIS), the discharge circuit will be enabled, and a 3mA current (IDIS) will flow into VCC pin. When VCC is higher than the overshoot voltage (VOVP),
the APR3415C will enable a discharge circuit, the discharge current (IOVP) will last tOVP_LAST time. After the tOVP_LAST time, APR3415C will stop
the discharge current and detect VCC voltage again. If VCC is still higher than VOVP, the tOVP_LAST time discharge current will be enabled again.
Once the OVP discharge current is asserted, the periodical pulse at VDET pin will be disabled.
When the VCC falls below the power-off voltage (VOFF), the APR3415C will shut down.
Operation Description
MOSFET Driver
The operation of the SR is described with timing diagram shown in Figure 2. APR3415C monitors the MOSFET drain-source voltage. When the
drain voltage is lower than the turn-on threshold voltage VTHON, the IC outputs a positive drive voltage after a turn-on delay time (tDON). The
MOSFET will turn on and the current will transfer from the body diode into the MOSFET’s channel.
In the process of drain current decreasing linearly toward zero, the drain-source voltage rises synchronically. When it rises over the turn off
threshold voltage VTHOFF, APR3415C pulls the drive signal down after a turn off delay (tDOFF).
I,V
t
t
IS
VDET
VDRISR
VTHON
VTHOFF
0.1VDRISR
0.9VDRISR
0.1VDRISR
0.9VDRISR
tRG
tDON
tFG
tDOFF
0
0
Figure 2. Typical Waveforms of APR3415C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com