Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV2462L-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LV2462L-S08-R
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV2462L-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LV2462L-S08-R Datasheet HTML 1Page - Unisonic Technologies LV2462L-S08-R Datasheet HTML 2Page - Unisonic Technologies LV2462L-S08-R Datasheet HTML 3Page - Unisonic Technologies LV2462L-S08-R Datasheet HTML 4Page - Unisonic Technologies LV2462L-S08-R Datasheet HTML 5Page - Unisonic Technologies LV2462L-S08-R Datasheet HTML 6Page - Unisonic Technologies LV2462L-S08-R Datasheet HTML 7Page - Unisonic Technologies LV2462L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LV2462/2463
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R105-042.e
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
VCC=3V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
VCC=3V, VIC=1.5V, VO=1.5V,
RS=50Ω
500
2000
μV
Input Offset Current
IIO
2.8
7
nA
Input Bias Current
IIB
VCC=3V, VIC=1.5V, VO=1.5V,
RS=50Ω
4.4
14
nA
IOH= -2.5mA
2.9
V
High-Level Output Voltage
VOH
IOH=-10mA
2.7
V
VIC=1.5V, IOL=2.5mA
0.1
V
Low-Level Output Voltage
VOL
VIC=1.5V, IOL=10mA
0.3
V
Sourcing
50
mA
Short-Circuit Output Current
IOS
Sinking
40
mA
Output Current
IO
Measured 1V form rail
±40
mA
Large-Signal Differential Voltage
Amplification
AVD
RL=10kΩ, VO(PP)=1V
90
105
dB
Differential Input Resistance
rI(D)
TA=25°C
10
9
Ω
Common-Mode Input Capacitance
CI(C)
f=10kHz, TA=25°C
7
pF
Closed-Loop Output Impedance
ZO
f=100kHz, AV=10, TA=25°C
33
Ω
Common-Mode Rejection Ratio
CMRR
VICR=0~3V, RS=50Ω
66
80
dB
VCC=2.7~6V, VIC= VCC/2, No load
80
85
dB
Supply Voltage Rejection Ratio
(∆Vcc/∆VIO)
kSVR
VCC=3~5V, VIC= VCC/2, No load
85
95
dB
Supply Current (Per Channels)
ICC
VO=1.5V, No load
0.5
0.575
mA
Supply current in shutdown
(LV2463)
ICC ( SHDN )
SHDN <0.7V,
Per channel in shutdown
0.3
μA
OPWERAING CHARACTERISTICS
Slew Rate at Unity Gain
SR
VO(PP)=0.8V, RL=10kΩ, CL=160pF
0.9
1.6
V/μs
f=100Hz
16
Equivalent Input Noise Voltage
VN
f=1kHz
11
nV/
Hz
Equivalent Input Noise Current
IN
f=1kHz
0.13
pA/
Hz
AV=1
0.006
%
AV=10
0.02
%
Total Harmonic Distortion Plus
Noise
THD+N
VO(PP)=2V, RL=10kΩ,
f=1kHz
AV=100
0.08
%
Gain-Bandwidth Product
f=10 kHz, CL=160pF, RL=10kΩ
5.2
MHz
0.1%
1.47
μs
V(STEP)PP=2V,RL=10kΩ,
AV= -1, CL=10pF
0.01%
1.78
μs
0.1%
1.77
μs
Setting Time
tS
V(STEP)PP=2V,
RL=10kΩ, AV= -1,
CL=56pF
0.01%
1.98
μs
Phase Margin at Unity Gain
φM
44
°
Gain Margin
RL=10kΩ, CL=160pF
7
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com