Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULV2772L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULV2772L-S08-R
Description  FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV2772L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULV2772L-S08-R Datasheet HTML 1Page - Unisonic Technologies ULV2772L-S08-R Datasheet HTML 2Page - Unisonic Technologies ULV2772L-S08-R Datasheet HTML 3Page - Unisonic Technologies ULV2772L-S08-R Datasheet HTML 4Page - Unisonic Technologies ULV2772L-S08-R Datasheet HTML 5Page - Unisonic Technologies ULV2772L-S08-R Datasheet HTML 6Page - Unisonic Technologies ULV2772L-S08-R Datasheet HTML 7Page - Unisonic Technologies ULV2772L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ULV2772
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R105-053.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 2)
VDD
7
V
Differential Input Voltage (Note 3)
VID
±VDD
Input Voltage Range (Any Input, Note 2)
VI
-0.3 ~ VDD
V
Input Current (Any Input)
II
±4
mA
Output Current
IO
±50
mA
Total Current Into VDD+
±50
mA
Total Current Out Of GND
±50
mA
Duration Of Short-Circuit Current (At or Below) 25°C (Note 4)
Unlimited
SOP-8
600
mW
Power Dissipation
TSSOP-8
PD
550
mW
Operating Free-Air Temperature Range
TA
-40 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values, except differential voltages, are with respect to GND.
3. Differential voltages are at the noninverting input with respect to the inverting input. Excessive current
flows when input is brought below GND -0.3V.
4. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure
that the maximum dissipation rating is not exceeded.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
2.5 ~ 6
V
Input Voltage Range
VI
GND ~ VDD+-1.3
V
Common-mode Input Voltage
VIC
GND ~ VDD+-1.3
V
Operating Free-Air Temperature
TA
-40 ~ +125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com