Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP04467 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04467
Description  SAW Filter 2017.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04467 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04467 Datasheet HTML 1Page - Golledge Electronics Ltd MP04467 Datasheet HTML 2Page - Golledge Electronics Ltd MP04467 Datasheet HTML 3Page - Golledge Electronics Ltd MP04467 Datasheet HTML 4Page - Golledge Electronics Ltd MP04467 Datasheet HTML 5Page - Golledge Electronics Ltd MP04467 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 2017.50MHz
Model: TA1129A
Part No: MP04467
Rev No: 1
TA1129A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -25°C to +85°C
4. Storage Temperature: -40°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance (single-ended): ZS = 50Ω
2. Terminating load impedance (differential): ZL = 200Ω // 15nh
Item
Unit
Min.
Typ.
Max.
Center Frequency Fc
MHz
-
2017.5
-
Insertion Loss (2010 ~ 2025MHz) IL
dB
-
2
2.7
Amplitude ripple (2010 ~ 2025MHz)
dB
-
0.4
1.4
Group Delay ripple (2010 ~ 2025MHz)
ns
-
3
12
Output amplitude balance (|S31/S21|) (2010~2025MHz)
dB
-4
-1.6
4
Output phase balance (
Φ(S31)-Φ(S21)+180°) (2010~2025MHz) deg
-12
-5
12
VSWR (2010 ~ 2025MHz)
-
2.1
2.5
Attenuation
100 ~ 995MHz
dB
32
56
-
995 ~ 1022MHz
dB
35
55
-
1022 ~ 1925MHz
dB
25
36
-
1925 ~ 1950MHz
dB
22
35
-
2085 ~ 2110MHz
dB
15
28
-
2430 ~ 2565MHz
dB
35
60
-
2565 ~ 4010MHz
dB
32
42
-
4010 ~ 4060MHz
dB
40
55
-
4060 ~ 6000MHz
dB
32
45
-


Similar Part No. - MP04467

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04461 GOLLEDGE-MP04461 Datasheet
53Kb / 5P
SAW Filter 130.340MHz
MP04468 GOLLEDGE-MP04468 Datasheet
144Kb / 6P
SAW Filter 2017.50MHz
MP04469 GOLLEDGE-MP04469 Datasheet
161Kb / 6P
SAW Filter 2017.50MHz
More results

Similar Description - MP04467

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
Abracon Corporation
AFS14A15-2017.50-T3 ABRACON-AFS14A15-2017.50-T3 Datasheet
1Mb / 4P
Surface Mount 2017.50MHz SAW Filter
04.16.13
AFS20A15-2017.50-T3 ABRACON-AFS20A15-2017.50-T3 Datasheet
2Mb / 4P
Surface Mount 2017.50MHz SAW Filter
04.16.13
AFS14A15-2017.50-T2 ABRACON-AFS14A15-2017.50-T2 Datasheet
2Mb / 4P
Surface Mount 2017.50MHz SAW Filter
07.23.12
AFS20-2D ABRACON-AFS20-2D Datasheet
403Kb / 1P
SURFACE MOUNT 2017.50MHz SAW FILTER
logo
Golledge Electronics Lt...
MP02459 GOLLEDGE-MP02459 Datasheet
69Kb / 4P
SAW Filter 2017.50MHz
MP04469 GOLLEDGE-MP04469 Datasheet
161Kb / 6P
SAW Filter 2017.50MHz
MP03900 GOLLEDGE-MP03900 Datasheet
106Kb / 6P
SAW Filter 2017.50MHz
MP04468 GOLLEDGE-MP04468 Datasheet
144Kb / 6P
SAW Filter 2017.50MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com