Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6015L Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # S6015L
Description  isc Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S6015L Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  S6015L Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
S6015L
DESCRIPTION
·
With TO-220 packaging
·
High heat dissipation and durability
·
Thermowatt construction for low thermal
·
Glass passivated junctions and center gate fire for greater
parameter uniformity and stability
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current
15
A
ITSM
Surge non-repetitive on-state current
( 1/2 cycle,sine wave;Tc=25℃ )
50HZ
60HZ
188
225
A
PG(AV)
Average gate power dissipation
Tp=8.3ms
0.6
W
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM
VDM=VDRM
Tj=25℃
Tj=100℃
Tj=125℃
0.01
0.5
1.0
mA
IDRM
Repetitive peak off-state current
VTM
On-state voltage
ITM= 15A
1.6
V
IGT
Gate-trigger current
VD = 12 V; RL=60Ω
30
mA
VGT
Gate-trigger voltage
VD = 12 V; RL=60Ω
1.5
V
Rth(j-c)
Thermal resistance
Junction to case
2.5
℃
/W


Similar Part No. - S6015L

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S6015L TECCOR-S6015L Datasheet
1Mb / 12P
SCRs 1-70 AMPS NON-SENSITIVE GATE
S6015L TECCOR-S6015L Datasheet
222Kb / 12P
SCRs
logo
Littelfuse
S6015L LITTELFUSE-S6015L Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
S6015L LITTELFUSE-S6015L Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
S6015L52 LITTELFUSE-S6015L52 Datasheet
218Kb / 12P
Electrically-isolated package
More results

Similar Description - S6015L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com