Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPAR3D Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TPAR3D
Description  3A, 200V - 600V Avalanche Fast Recovery Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TPAR3D Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TPAR3D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TPAR3D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TPAR3D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TPAR3D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
5.650
5.750
0.222
0.226
B
6.350
6.650
0.250
0.262
C
4.550
4.650
0.179
0.183
D
3.540
3.840
0.139
0.151
E
4.235
4.535
0.167
0.179
F
1.850
2.150
0.073
0.085
G
3.170
3.470
0.125
0.137
H
1.043
1.343
0.041
0.053
I
1.000
1.300
0.039
0.051
J
1.930
2.230
0.076
0.088
K
0.175
0.325
0.007
0.013
L
1.000
1.200
0.039
0.047
Symbol
A
B
C
D
E
F
P/N
= Marking Code
YW
= Date Code
F
= Factory Code
Version: B1511
6.80
0.268
1.04
0.041
MARKING DIAGRAM
4.72
0.186
1.40
0.055
1.27
0.050
Unit (inch)
SUGGESTED PAD LAYOUT
Unit (mm)
Unit (inch)
4.80
0.189
TPAR3D - TPAR3J
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
TO-277A (SMPC)
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com