| Electronic Components Datasheet Search |
|
HT48RA3 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48RA3 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 36 page ![]() Pin Assignment Pin Description Pin Name I/O ROM Code Option Description RES I ¾ Schmitt trigger reset input, active low. PA0~PA7 I/O Wake-up* Pull-high*** Bidirectional 8-bit input/output port. Each bit can be configured as a wake-up input by a option. Software instructions determine the CMOS output or Schmitt trigger input with/without pull-high resistor. The pull-high resistor of each input/output line is also optional. PB0/PFD PB1~PB7 I/O Pull-high** PB0 or PFD Bidirectional 8-bit input/output port. Software instructions determine the CMOS output or Schmitt trigger input with/without pull-high resis- tor. The pull-high resistor of each input/output line is also optional. The output mode of PB0 can be used as an internal PFD signal output and it can be used as a various frequency carrier signal. VSS ¾¾ Negative power supply, ground PC0/TMR0 PC1~PC4 PC5/TMR1 I/O Pull-high* Bidirectional 6-bit input/output port. Software instructions determine the CMOS output or Schmitt trigger input with/without pull-high resis- tor. The pull-high resistor of each input/output line is also optional. PC0 and PC5 are pin shared with TMR0 and TMR1 function pins. PF0/INT I/O Pull-high* Bidirectional 1-bit input/output port. Software instructions determine the CMOS output or Schmitt trigger input with/without pull-high resis- tor. The pull-high resistor of this input/output line is also optional. PF0 is pin shared with the INT function pin. VDD ¾¾ Positive power supply OSC1 OSC2 I O Crystal or RC OSC1, OSC2 are connected to an RC network or Crystal (determined by option) for the internal system clock. In the case of RC operation, OSC2 is the output terminal for 1/4 system clock. Note: *: Bit option **: Nibble option ***: Byte option HT48RA3 Rev. 1.20 2 May 12, 2003 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 P B 6 P B 7 P A 4 P A 5 P A 6 P A 7 O S C 2 O S C 1 V D D R E S P C 5 / T M R 1 P C 4 P C 3 P C 2 P B 5 P B 4 P A 3 P A 2 P A 1 P A 0 P B 3 P B 2 P B 1 P B 0 / P . D V S S P . 0 / I N T P C 0 / T M R 0 P C 1 H T 4 8 R A 3 2 8 S K D I P - A / S O P - A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |