Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCQ Datasheet(PDF) 3 Page - AVX Corporation

Part # TCQ
Description  Automotive Conductive Polymer Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCQ Datasheet(HTML) 3 Page - AVX Corporation

  TCQ Datasheet HTML 1Page - AVX Corporation TCQ Datasheet HTML 2Page - AVX Corporation TCQ Datasheet HTML 3Page - AVX Corporation TCQ Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
081618
233
TCQ Series
Automotive Conductive Polymer Chip Capacitors
TEST
TCQ series (Temperature range -55ºC to 125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
2 x initial limit
ΔC/C
within +10/-20% of initial value
DF
2 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
2x initial limit
ΔC/C
within +10/-20% of initial value
DF
2 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
2 x initial limit
ΔC/C
within +35/-5% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
+20ºC -55ºC +20ºC
+85ºC
+125ºC
+20ºC
DCL
IL*
n/a
IL*
10 x IL*
12.5 x IL*
IL*
ΔC/C
n/a
±20% ±5%
±20%
±30%
±5%
DF
IL*
IL*
IL*
1.2 x IL*
1.5 x IL*
IL*
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within +10/-20% of initial value for Vr ≤ 10V
within +20/-30% of initial value for Vr ≥ 16V
DF
initial limit for Vr ≤ 10V
1.25x initial limit for Vr ≥ 16V
ESR
1.25 x initial limit
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±10% of initial value
DF
initial limit
ESR
1.25 x initial limit
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±10% of initial value
DF
initial limit
ESR
1.25 x initial limit
Apply 2/3 rated voltage (Ur) at 125ºC for 1000 hours
through a circuit impedance of ≤0.1Ω/V. Stabilize at
room temperature for 1-2 hours before measuring.
Store at 125ºC, no voltage applied, for 1000 hours.
Stabilize at room temperature for 1-2 hours before
measuring.
Apply rated voltage (Ur) at 85ºC, 85% relative
humidity for 1000 (500) hours. Stabilize at room
temperature and humidity for 1-2 hours before
measuring.
Apply 1.3x 2/3x rated voltage (Ur) at 125ºC for
1000 cycles of duration 6 min (30 sec charge,
5 min 30 sec discharge) through a charge /
discharge resistance of 1000Ω
Step
Temperature°C
Duration(min)
1
+20
15
2
-55
15
3
+20
15
4
+85
15
5
+125
15
6
+20
15
*Initial Limit
For use outside of recommended conditions and special request, please contact AVX.
Initial measurement max. 1hr after the removal from dry pack or after pretreatment at 85°C for 24 hours.
QUALIFICATION TABLE
RECOMMENDED DERATING FACTOR
Voltage and temperature
derating as percentage of Vr.
For Vr ≤ 10V
For Vr ≥ 16V
Recommended
Application Voltage
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55%
85ºC
105ºC
125ºC
67%
60%
Recommended
Application Voltage
Rated Voltage
Rated Voltage
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55%
85ºC
105ºC
125ºC
67%
54%
Rated
Operating Temperature
voltage
≤85°C
105°C
125°C
≤10V
90%
90%
60%
≥16V
80%
80%
54%
MIL-STD-202, Method 213, Condition F
MIL-STD-202, Method 204, Condition D
Vibration
Endurance
Storage Life
Biased
Humidity
Temperature
Stability
Surge
Voltage
Mechanical
Shock



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com