Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M57788LR Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M57788LR
Description  400-430MHz, 13.5V, 47W, FM MOBILE RADIO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M57788LR Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M57788LR Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M57788LR Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M57788LR Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
400-430MHz, 13.5V, 47W, FM MOBILE RADIO
M57788LR
MITSUBISHI RF POWER MODULE
Nov. ´97
OUTPUT POWER, EACH CURRENT
VS. SUPPLY VOLTAGE
SUPPLY VOLTAGE VCC1, VCC2, VCC3 (V)
100
10
1
0.1
10
100
10
1
0.1
4
18
14
6
8
16
12
TC=25
°C
f=400MHz
Pin=0.4W
ZG=ZL=50
Ω
PO
ICC1
ICC3
ICC2
OUTPUT POWER, EACH CURRENT
VS. FIRST SUPPLY VOLTAGE
FIRST SUPPLY VOLTAGE VCC1 (V)
100
10
1
0.1
10
100
10
1
0.1
4
14
12
6
8
ICC2
PO
ICC1
ICC3
TC=25
°C
f=430MHz
Pin=0.4W
VCC2,3=13.5V
ZG=ZL=50
Ω
OUTPUT POWER, EACH CURRENT
VS. FIRST SUPPLY VOLTAGE
FIRST SUPPLY VOLTAGE VCC1 (V)
100
10
1
0.1
10
100
10
1
0.1
4
14
12
6
8
TC=25
°C, f=400MHz
Pin=0.4W
VCC2, 3=13.5V
ZG=ZL=50
Ω
ICC2
PO
ICC1
ICC3
OUTPUT POWER, EACH CURRENT
VS. INPUT POWER
INPUT POWER Pin (W)
100
10
1
0.1
0.1
100
10
1
0.1
0.01
1
TC=25
°C
f=430MHz
VCC=13.5V
ZG=ZL=50
Ω
ICC2
PO
ICC1
ICC3
OUTPUT POWER, EACH CURRENT
VS. INPUT POWER
INPUT POWER Pin (W)
100
10
1
0.1
0.1
100
10
1
0.1
0.01
1
TC=25
°C
f=400MHz
VCC=13.5V
ZG=ZL=50
Ω
ICC2
PO
ICC1
ICC3
TYPICAL PERFORMANCE DATA
OUTPUT POWER, TOTAL EFFICIENCY
INPUT VSWR VS. FREQUENCY
FREQUENCY f (MHz)
100
80
40
0
400 405 410 415 420 425
435 440
TC=25
°C
VCC=13.5V
Pin=0.4W
ZG=ZL=50
Ω
ηT
PO
ρin
60
20
100
80
60
40
20
0
3
1
2
430



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com