Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG904BRU-R-500RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG904BRU-R-500RL7
Description  Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904BRU-R-500RL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG904BRU-R-500RL7 Datasheet HTML 1Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 2Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 3Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 4Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 5Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 6Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 7Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 8Page - Analog Devices ADG904BRU-R-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG904/ADG904-R
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
VDD
GND
RF1
GND
GND
RF3
GND
A0
A1
GND
RF2
GND
GND
RF4
GND
ADG904
ADG904-R
TOP VIEW
(Not to Scale)
EN
9
10
12
11
GND
RFC
GND
GND
Figure 5. 20-Lead TSSOP (RU-20)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
EN
Active Low Digital Input. When high, the device is disabled and all switches are off. When low, Ax
logic inputs determine on switches.
2
VDD
Power Supply Input. These parts can be operated from 1.65 V to 2.75 V. VDD should be decoupled
to GND.
3, 5, 6, 8, 9, 11, 12, 13,
15, 16, 18
GND
Ground Reference Point for All Circuitry on the Part.
4
RF1
RF1 Port.
7
RF3
RF3 Port.
10
RFC
Common RF Port for Switch.
14
RF4
RF4 Port.
17
RF2
RF2 Port.
19
A1
Logic Control Input.
20
A0
Logic Control Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com