Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG904BRU-R-REEL7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG904BRU-R-REEL7
Description  Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904BRU-R-REEL7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG904BRU-R-REEL7 Datasheet HTML 8Page - Analog Devices ADG904BRU-R-REEL7 Datasheet HTML 9Page - Analog Devices ADG904BRU-R-REEL7 Datasheet HTML 10Page - Analog Devices ADG904BRU-R-REEL7 Datasheet HTML 11Page - Analog Devices ADG904BRU-R-REEL7 Datasheet HTML 12Page - Analog Devices ADG904BRU-R-REEL7 Datasheet HTML 13Page - Analog Devices ADG904BRU-R-REEL7 Datasheet HTML 14Page - Analog Devices ADG904BRU-R-REEL7 Datasheet HTML 15Page - Analog Devices ADG904BRU-R-REEL7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADG904/ADG904-R
Rev. 0 | Page 13 of 16
OUTLINE DIMENSIONS
20
1
11
10
6.40 BSC
4.50
4.40
4.30
PIN 1
6.60
6.50
6.40
SEATING
PLANE
0.15
0.05
0.30
0.19
0.65
BSC
1.20 MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
COMPLIANT TO JEDEC STANDARDS MO-153AC
COPLANARITY
0.10
Figure 30. 20-Thin Shrink Small Outline Package [TSSOP]
(RU-20)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG904BRU
–40°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG904BRU-500RL7
–40°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG904BRU-REEL
–40°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG904BRU-REEL7
–40°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG904BRU-R
–40°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG904BRU-R-500RL7
–40°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG904BRU-R-REEL
–40°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG904BRU-R-REEL7
–40°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
EVAL-ADG904EB
Evaluation Board
EVAL-ADG904REB
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16