Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER201G-T Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER201G-T
Description  2A, 50V - 600V Glass Passivated High Efficient Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER201G-T Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER201G-T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER201G-T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER201G-T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER201G-T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd HER201G-T Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd HER201G-T Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4
HER201G-T - HER206G-T
Taiwan Semiconductor
1
Version:A1703
2A, 50V - 600V Glass Passivated High Efficient Rectifier
FEATURES
● Glass passivated chip junction
● High efficiency, Low V
F
● High current capability
● High surge current capability
● Low power loss
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● TV
● Monitor
MECHANICAL DATA
● Case: DO-204AC (DO-15)
● Molding compound meets UL 94V-0 flammability rating
● Packing code with suffix "G" means green compound
(halogen-free)
● Terminal: Pure tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 1A whisker test
● Polarity: As marked
● Weight: 0.4 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
2
A
VRRM
50 - 600
V
IFSM
60
A
TJ MAX
150
°C
Package
DO-204AC (DO-15)
Configuration
Single die
DO-204AC (DO-15)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
HER201
G-T
HER202
G-T
HER203
G-T
HER204
G-T
HER205
G-T
HER206
G-T
UNIT
Marking code on thedevice
HER201G HER202G HER203G HER204G HER205G HER206G
Repetitive peak reverse
voltage
VRRM
50
100
200
300
400
600
V
Reverse voltage, total rms
value
VR(RMS)
35
70
140
210
280
420
V
Forward current
IF(AV)
2
A
Surge peak forward
current, 8.3 ms single half
sine-wave superimposed
on rated load per diode
IFSM
60
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - HER201G-T

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201G-T3 WTE-HER201G-T3 Datasheet
58Kb / 4P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
HER201G-TB WTE-HER201G-TB Datasheet
58Kb / 4P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - HER201G-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF21G-T TSC-SF21G-T Datasheet
408Kb / 6P
2A, 50V - 600V Glass Passivated Super Fast Rectifier
2A01G-T TSC-2A01G-T Datasheet
272Kb / 6P
2A, 50V - 1000V Glass Passivated Rectifier
HER3L03G TSC-HER3L03G Datasheet
281Kb / 7P
3A, 200V - 600V Glass Passivated High Efficient Rectifier
HER101G-K TSC-HER101G-K Datasheet
412Kb / 7P
1A, 50V - 1000V Glass Passivated High Efficient Rectifier
HER151G-T TSC-HER151G-T Datasheet
408Kb / 6P
1.5A, 50V - 600V Glass Passivated High Efficient Rectifier
HER207G-K TSC-HER207G-K Datasheet
400Kb / 6P
2A, 800V - 1000V Glass Passivated High Efficient Rectifier
HER301G-K TSC-HER301G-K Datasheet
432Kb / 7P
3A, 50V - 1000V Glass Passivated High Efficient Rectifier
HT11G-K TSC-HT11G-K Datasheet
421Kb / 7P
1A, 50V - 1000V Glass Passivated High Efficient Rectifier
MURF10L60 TSC-MURF10L60 Datasheet
190Kb / 4P
10A, 600V Glass Passivated Low VF High Efficient Rectifier
MUR260 TSC-MUR260 Datasheet
331Kb / 5P
2A, 600V High Efficient Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com