Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPM Datasheet(PDF) 4 Page - AVX Corporation

Part # TPM
Description  Tantalum Ultra Low ESR Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPM Datasheet(HTML) 4 Page - AVX Corporation

  TPM Datasheet HTML 1Page - AVX Corporation TPM Datasheet HTML 2Page - AVX Corporation TPM Datasheet HTML 3Page - AVX Corporation TPM Datasheet HTML 4Page - AVX Corporation TPM Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
96
052218
TPM Multianode
Tantalum Ultra Low ESR Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
25 Volt @ 85°C
TPMD336*025#0065
D
33
25
85
17
125
8.3
8
65
1.981
1.783
0.792
3
TPMD476*025#0055
D
47
25
85
17
125
11.8
8
55
2.153
1.938
0.861
3
TPME476*025#0065
E
47
25
85
17
125
11.8
6
65
2.038
1.834
0.815
3
TPME686*025#0045
E
68
25
85
17
125
17
6
45
2.449
2.205
0.980
3
TPME686*025#0055
E
68
25
85
17
125
17
6
55
2.216
1.994
0.886
3
TPME107*025#0045
E
100
25
85
17
125
25
14
45
2.449
2.205
0.980
3
TPME107*025#0060
E
100
25
85
17
125
25
14
60
2.121
1.909
0.849
3
35 Volt @ 85°C
TPMD226*035#0070
D
22
35
85
23
125
7.7
8
70
1.909
1.718
0.763
3
TPME226*035#0060
E
22
35
85
23
125
8
6
60
2.121
1.909
0.849
3
TPME226*035#0100
E
22
35
85
23
125
8
6
100
1.643
1.479
0.657
3
TPME336*035#0050
E
33
35
85
23
125
12
6
50
2.324
2.091
0.930
3
TPME336*035#0065
E
33
35
85
23
125
12
6
65
2.038
1.834
0.815
3
TPME476*035#0055
E
47
35
85
23
125
16
6
55
2.216
1.994
0.886
3
TPME476*035#0065
E
47
35
85
23
125
16
6
65
2.038
1.834
0.815
3
50 Volt @ 85°C
TPMD106*050#0140
D
10
50
85
33
125
5
8
140
1.350
1.215
0.540
3
TPME106*050#0120
E
10
50
85
33
125
5
6
120
1.500
1.350
0.600
3
TPME156*050#0075
E
15
50
85
33
125
7.5
6
75
1.897
1.708
0.759
3
TPME156*050#0100
E
15
50
85
33
125
7.5
6
100
1.643
1.479
0.657
3
TPME226*050#0075
E
22
50
85
33
125
11
8
75
1.897
1.708
0.759
3
TPME226*050#0100
E
22
50
85
33
125
11
8
100
1.643
1.479
0.657
3
Moisture Sensitivity Level (MSL) is defined according to J-STD-020
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 273.
NOTE: AVX reserves the right to supply higher voltage ratings or tighter tolerance part in the same case size, to the same reliability standards.
TEST
TPM series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±10% of initial value
DF
initial limit
ESR
1.25 x initial limit
Visual examination
no visible damage
DCL
1.5 x initial limit
ΔC/C
within ±10% of initial value
DF
1.2 x initial limit
ESR
1.25 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+125ºC
+20ºC
DCL
IL*
n/a
IL*
10 x IL*
12.5 x IL*
IL*
ΔC/C
n/a
+0/-10%
±5%
+10/-0%
+12/-0%
±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2 x IL*
IL*
ESR
1.25 x IL*
2.5 x IL*
1.25 x IL*
1.25 x IL*
1.25 x IL* 1.25 x IL*
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±5% of initial value
DF
initial limit
ESR
1.25 x initial limit
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±5% of initial value
DF
initial limit
ESR
initial limit
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±5% of initial value
DF
initial limit
ESR
initial limit
Apply rated voltage (Ur) at 85ºC and / or category-
voltage (Uc) at 125ºC for 2000 hours through a circuit
impedance of ≤0.1Ω/V. Stabilize at room temperature
for 1-2 hours before measuring.
Store at 65ºC and 95% relative humidity for 500
hours, with no applied voltage. Stabilize at room
temperature and humidity for 1-2 hours before
measuring.
Apply 1.3x category voltage (Uc) at 125ºC for
1000 cycles of duration 6 min (30 sec charge,
5 min 30 sec discharge) through a charge /
discharge resistance of 1000Ω
Step
Temperature°C
Duration(min)
1
+20
15
2
-55
15
3
+20
15
4
+85
15
5
+125
15
6
+20
15
*Initial Limit
QUALIFICATION TABLE
Endurance
Humidity
Temperature
Stability
Surge
Voltage
MIL-STD-202, Method 213, Condition C
MIL-STD-202, Method 204, Condition D
Mechanical
Shock
Vibration



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com