Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0331B Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0331B
Description  SAW Resonator 868.35MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0331B Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0331B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0331B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0331B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0331B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0331B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0331B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
E.OUTLINE DRAWING:
Date code: Provided by planer each year
Year code: 7 for 2007,8 for 2008,…
F.FREQUENCY CHARACTERISTICS:
Resonator 868.35MHz Frequency Charactristics (S21)
-25
-20
-15
-10
-5
0
866.85
867.35
867.85
868.35
868.85
869.35
869.85
Frequency (Center Frequency 868.35MHz Span 3MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com