Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM511000C-70JS Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM511000C-70JS
Description  1,048,576-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511000C-70JS Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM511000C-70JS Datasheet HTML 2Page - OKI electronic componets MSM511000C-70JS Datasheet HTML 3Page - OKI electronic componets MSM511000C-70JS Datasheet HTML 4Page - OKI electronic componets MSM511000C-70JS Datasheet HTML 5Page - OKI electronic componets MSM511000C-70JS Datasheet HTML 6Page - OKI electronic componets MSM511000C-70JS Datasheet HTML 7Page - OKI electronic componets MSM511000C-70JS Datasheet HTML 8Page - OKI electronic componets MSM511000C-70JS Datasheet HTML 9Page - OKI electronic componets MSM511000C-70JS Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6/15
¡ Semiconductor
MSM511000C/CL
AC Characteristics (1/2)
Random Read or Write Cycle Time
Read Modify Write Cycle Time
Fast Page Mode Cycle Time
Fast Page Mode Read Modify Write
Cycle Time
Access Time from RAS
Access Time from CAS
Access Time from Column Address
Output Low Impedance Time from CAS
Transition Time
Refresh Period
Refresh Period (L-version)
RAS Precharge Time
RAS Pulse Width (Fast Page Mode)
RAS Hold Time
CAS Precharge Time (Fast Page Mode)
CAS Pulse Width
RAS Pulse Width
CAS Hold Time
CAS to RAS Precharge Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
Row Address Set-up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
Column Address Hold Time from RAS
Column Address to RAS Lead Time
Access Time from CAS Precharge
RAS Hold Time from CAS Precharge
CAS to Data Output Buffer Turn-off Delay Time
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ms
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
MSM511000
C/CL-45
MSM511000
C/CL-50
MSM511000
C/CL-60
tRC
tRWC
tPC
tPRWC
tRAC
tCAC
tAA
tCPA
tCLZ
tOFF
tT
tREF
tREF
tRP
tRAS
tRASP
tRSH
tCP
tCAS
tCSH
tCRP
tRCD
tRAD
tASR
tRAH
tASC
tCAH
tAR
tRAL
tRHCP
Min.
90
110
34
54
—
—
—
—
0
0
3
—
—
35
45
45
14
10
14
45
5
17
12
0
7
0
12
35
24
28
Max.
—
—
—
—
45
14
24
28
—
14
50
8
64
—
10,000
100,000
—
—
10,000
—
—
31
21
—
—
—
—
—
—
—
Min.
100
120
36
56
—
—
—
—
0
0
3
—
—
40
50
50
14
10
14
50
5
18
13
0
8
0
13
40
26
30
Max.
—
—
—
—
50
14
26
30
—
14
50
8
64
—
10,000
100,000
—
—
10,000
—
—
36
24
—
—
—
—
—
—
—
Min.
120
140
40
60
—
—
—
—
0
0
3
—
—
50
60
60
15
10
15
60
5
20
15
0
10
0
15
50
30
35
Max.
—
—
—
—
60
15
30
35
—
15
50
8
64
—
10,000
100,000
—
—
10,000
—
—
45
30
—
—
—
—
—
—
—
Unit Note
4, 5, 6
4, 5
4, 6
4
4
7
3
5
6
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
MSM511000
C/CL-70
Min.
130
155
45
70
—
—
—
—
0
0
3
—
—
50
70
70
20
10
20
70
5
20
15
0
10
0
15
55
35
40
Max.
—
—
—
—
70
20
35
40
—
20
50
8
64
—
10,000
100,000
—
—
10,000
—
—
50
35
—
—
—
—
—
—
—
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com