Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM562AP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562AP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM562AP Datasheet HTML 1Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 2Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 3Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 4Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 5Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 6Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 7Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 8Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
1
Version: DM562AP-DS-P02
March 05, 2004
General Description
The DM562AP integrated modem is a two-chipset
design that provides a complete solution for state-
of-the-art, voice-band Plain Old Telephone
Switching (POTS) communication. The modem
provides for Data (up to 56,000bps), Fax (up to
ban0bps), Voice and Full Duplex Speaker-phone
functions to comply with various international
standards.
The design of the DM562AP is optimized for
desktop personal computer applications, embedded
microprocessor applications and Multi-Function
Peripheral (MFP) FAX application. It provides a low
cost, highly reliable, maximum integration, with the
minimum amount of support required. The
DM562AP modem can operate over a dial-up
network (PSTN) or 2 wire leased lines.
The modem integrates auto dial and answer
capabilities, asynchronous data transmissions,
serial and parallel interfaces, various tone detection
schemes and data test modes.
The DM562AP modem reference design is pre-
approved for FCC part 68 and provides minimum
design cycle time, with minimum cost to insure the
maximum amount of success.
The simplified modem system, shown in figure
below, illustrates the basic interconnection between
the MCU, DSP, AFE and other basic components of
a modem. The individual elements of the DM562AP
are:
DM6580 Analog Front End (AFE). 48-pin LQFP
package.
DM6588A ITU-T V.90 integrated Processors
with 32K bytes SRAM built in 128-pin QFP
package
Block Diagram
LED
TX
DSP
Ring
Detector
DM6580
Analog
Front End
SCLK
DIT
DOT
TFS
DIR
DOR
RFS
RXSCLK
CLKIN
TXDCLK
RXDCLK
DAA
RxIN
TxA1
TxA2
Line
Speaker
Driver
PCI
Bus
RX
DSP
V.24
Interface
UART
V.24
Interface
PnP
SPKR
Microphone
Driver
29.4912MHz
30.24MHz
Optional
DM6588A
TXSCLK*2
ISA
Bus
Controller
Micro
Unit
32KB
SRAM
2M
Flash


Similar Part No. - DM562AP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP Datasheet
1Mb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
More results

Similar Description - DM562AP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM336P ETC-DM336P Datasheet
341Kb / 40P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
DM562P ETC1-DM562P Datasheet
292Kb / 43P
V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
V.34 Data/V.17 Fax/Voice Modem Data Pumps
DM560P ETC1-DM560P Datasheet
242Kb / 43P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
Single Device Data/Fax Modem Data Pump
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com