Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8-REF-FL1 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-REF-FL1
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-REF-FL1 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button COP8-REF-FL1 Datasheet HTML 49Page - National Semiconductor (TI) COP8-REF-FL1 Datasheet HTML 50Page - National Semiconductor (TI) COP8-REF-FL1 Datasheet HTML 51Page - National Semiconductor (TI) COP8-REF-FL1 Datasheet HTML 52Page - National Semiconductor (TI) COP8-REF-FL1 Datasheet HTML 53Page - National Semiconductor (TI) COP8-REF-FL1 Datasheet HTML 54Page - National Semiconductor (TI) COP8-REF-FL1 Datasheet HTML 55Page - National Semiconductor (TI) COP8-REF-FL1 Datasheet HTML 56Page - National Semiconductor (TI) COP8-REF-FL1 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
15.0 A/D Converter (Continued)
15.2.2 Programmable Gain Amplifier Offset Calibration
The programmable gain amplifier has an offset that could be
as high as ± 7 mV. When using this amplifier, a user may
want to nullify this offset to obtain more accurate measure-
ments with the A/D converter. Since this amplifier has both
an N channel and P channel pair on its input stage, it’s
necessary to adjust both pairs. This is done with the use of
two volatile registers, AMPTRMN and AMPTRMP, and some
on-chip circuits. The two trim registers will allow for trimming
out the offset in 0.5 mV steps in either direction. Once the
amplifier is trimmed, the trim values are stored in AMPTRMN
and AMPTRMP. Retrimming is necessary after any type of
Reset. These two registers are initialized to 040 (hex) on a
Reset.
TABLE 31. AMPTRMN
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CALN
ATRMN6
ATRMN5
ATRMN4
ATRMN3
ATRMN2
ATRMN1
ATRMN0
CALN
Enables the internal reference, VREFN, for
trimming the N channel pair. Enabled = 1, Dis-
abled = 0. This bit, when = 1, also disables the
analog multiplexor. To perform the trimming al-
gorithm, the TRIM bit must also = 1.
ATRMN6:0 Trim bits used for actual trimming. It uses a
signed magnitude method. ATRMN6 is the sign
bit. When ATRMN6 = 1, it compensates for
positive offset. When ATRMN6 = 0, it compen-
sates for negative offset. ATRMN5:0 are the
magnitude of the trim with 000000 = no trim
value and 111111 = highest trim value.
TABLE 32. AMPTRMP
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CALP
ATRMP6
ATRMP5
ATRMP4
ATRMP3
ATRMP2
ATRMP1
ATRMP0
CALP
Enables the internal reference, VREFP, for
trimming the P channel pair. Enabled = 1,
Disabled =0. This bit, when = 1, also disables
the analog multiplexor. To perform the trim-
ming algorithm, the TRIM bit must also = 1.
ATRMNP6:0 Trim bits used for actual trimming. It uses a
signed magnitude method. ATRMP6 is the
sign bit. When ATRMP6 = 1, it compensates
for positive offset. When ATRMP6 = 0, it com-
pensates for negative offset. ATRMP5:0 are
the magnitude of the trim with 000000 = no
trim value and 111111 = highest trim value.
15.2.3 Trimming the Offset on the Programmable Gain
Amplifier
Setting the TRIM bit puts the programmable gain amplifier
into a special configuration used for trimming the offset,
which is shown in Figure 28. This configuration enables the
amplifier and puts it into open loop gain. By selecting the
reference voltages, VREFN and VREFP, one at a time, the
offset can be calibrated using the A/D converter. The calibra-
tion routine uses software to perform a successive approxi-
mation algorithm and is indicated below. After the trim algo-
rithm is complete, the trim values are stored in the
AMPTRMN and AMPTRMP registers and should remain,
unchanged, until the algorithm is executed again. The trim
values stored in AMPTRMN and AMPTRMP values are lost
if any type of reset is generated. Therefore, it’s necessary to
retrim after any type of Reset. A method to minimize retrim-
ming would be to store the initial trim values into the virtual
EEPROM memory in addition to AMPTRMN and AMPTRMP.
Then, whenever necessary, the trim values could be re-
trieved from virtual EEPROM, avoiding execution of the trim
algorithm upon a Reset.
The amplifier offset can drift slightly as the temperature
changes. For example, over the entire temperature range of
−40˚C to +125˚C, the drift could be typically 2 mV. If the user
application is in a constantly changing temperature, and this
offset drift is a problem, it is recommended that the amplifier
be retrimmed periodically, or before critical measurements.
The on-chip temperature sensor could also be used to mea-
sure temperature variations and determine whether retrim-
ming of the offset is necessary.
The procedure to trim both the N channel pair and P channel
pair are listed below. Steps 1–14 trim the N channel pair and
steps 15–30 trim the P channel pair.
Note: AN-1199 contains sample assembly code which implements the
trim algorithm outline on step 1-30.
1.
Set the TRIM bit=1inthe ADGAIN register to configure
the amplifier.
2.
Load C0h into the AMPTRMN register to select VREFN
and the no-trim value.
3.
Wait 1.05 ms for the amplifier to settle.
4.
Load 01h into ENAD to perform an A/D Conversion.
5.
Store the result registers.
6.
If the three most significant bits of the result are all ones,
go to step 8.
Else, if the three most significant bits are all zeros, go to
step 7.
Else, goto step 15.
7.
Set ATRMN6 = 0
8.
First time through loop, set ATRMN5 = 1
Second time through loop, set ATRMN4 = 1
Third time through loop, set ATRMN3 = 1
Fourth time through loop, set ATRMN2 = 1
Fifth time through loop, set ATRMN1 = 1
Sixth time through loop, set ATRMN0 = 1
Seventh time through loop, go to step 15.
20006358
FIGURE 28. Offset Trim Configuration when TRIM = 1
www.national.com
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com